Zakładka z wyszukiwarką danych komponentów |
|
ISL28233FRTZ-T7 Arkusz danych(PDF) 3 Page - Intersil Corporation |
|
ISL28233FRTZ-T7 Arkusz danych(HTML) 3 Page - Intersil Corporation |
3 / 20 page 3 FN6560.1 May 29, 2009 iN Input Noise Current Density f = 1kHz 72 fA/ √(Hz) f = 10Hz 79 fA/ √(Hz) Cin Differential Input Capacitance f = 1MHz 1.6 pF Common Mode Input Capacitance 1.12 pF TRANSIENT RESPONSE SR Positive Slew Rate VOUT = 1V to 4V, RL = 10kΩ 0.2 V/µs Negative Slew Rate 0.1 V/µs tr, tf, Small Signal Rise Time, tr 10% to 90% AV = +1, VOUT = 0.1VP-P, RF = 0Ω, RL = 10kΩ, CL = 1.2pF 1.1 µs Fall Time, tf 10% to 90% 1.1 µs tr, tf Large Signal Rise Time, tr 10% to 90% AV = +1, VOUT = 2VP-P, RF = 0Ω, RL = 10kΩ, CL = 1.2pF 8µs Fall Time, tf 10% to 90% 10 µs ts Settling Time to 0.1%, 2VP-P Step AV = +1, RF = 0Ω, RL = 10kΩ, CL = 1.2pF 35 µs NOTES: 4. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. 5. Parts are 100% tested with a minimum operating voltage of 1.65V to a VOS limit of ±15µV. Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, RL = 10kΩ, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN (Note 4) TYP MAX (Note 4) UNIT Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. FIGURE 1. FREQUENCY RESPONSE vs OPEN LOOP GAIN, RL = 10k FIGURE 2. FREQUENCY RESPONSE vs OPEN LOOP GAIN, RL = 10M -100 -50 0 50 100 150 200 1 100 10k 100k 1M 10M FREQUENCY (Hz) RL = 10k SIMULATION CL = 100pF GAIN PHASE 1k 10 100m 10m 1m 0.1m -100 -50 0 50 100 150 200 FREQUENCY (Hz) RL = 10M SIMULATION CL = 100pF GAIN PHASE 1 100 10k 100k 1M 10M 1k 10 100m 10m 1m 0.1m ISL28133, ISL28233, ISL28433 |
Podobny numer części - ISL28233FRTZ-T7 |
|
Podobny opis - ISL28233FRTZ-T7 |