Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28107FBZ Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL28107FBZ
Szczegółowy opis  Precision Single and Dual Low Noise Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107FBZ Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL28107FBZ Datasheet HTML 4Page - Intersil Corporation ISL28107FBZ Datasheet HTML 5Page - Intersil Corporation ISL28107FBZ Datasheet HTML 6Page - Intersil Corporation ISL28107FBZ Datasheet HTML 7Page - Intersil Corporation ISL28107FBZ Datasheet HTML 8Page - Intersil Corporation ISL28107FBZ Datasheet HTML 9Page - Intersil Corporation ISL28107FBZ Datasheet HTML 10Page - Intersil Corporation ISL28107FBZ Datasheet HTML 11Page - Intersil Corporation ISL28107FBZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6631.0
June 5, 2009
FIGURE 21. GAIN vs. FREQUENCY vs. SUPPLY VOLTAGE
FIGURE 22. CROSSTALK vs. FREQUENCY, VS = ±5V, ±15V
FIGURE 23. LARGE SIGNAL 10V STEP RESPONSE, VS = ±15V
FIGURE 24. LARGE SIGNAL TRANSIENT RESPONSE vs. RL
VS = ±5V, ±15V
FIGURE 25. SMALL SIGNAL TRANSIENT RESPONSE
VS = ±5V, ±15V, ±20V
FIGURE 26. POSITIVE OUTPUT OVERLOAD RESPONSE
TIME, VS = ±15V
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-16
-14
-12
-10
-8
-6
-4
-2
0
2
CL = 4pF
RL = 10k
AV = +1
VOUT = 100mVP-P
VS = ±20V
VS = ±2.25V
VS = ±5V
VS = ±15V
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL = 10k
AV = +1
VOUT = 1VP-P
CL = 4pF
VS = ±5V
VS = ±15V
-6
-4
-2
0
2
4
6
0
50
100
150
200
250
300
350
400
TIME (µs)
V+ = ±15V
AV = 11
CL = 4pF
VOUT = 10VP-P
Rf = 10k, Rg = 1k
RL = 10k
RL = 2k
0
5
10
15
20
25
30
TIME (µs)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
AV = 1
CL = 4pF
VOUT = 4VP-P
35
VS = ±5V, ±15V, RL = 10k
VS = ±5V, ±15V, RL = 2k
TIME (µs)
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0
5
10
15
20
25
30
35
40
RL = 2k, 10k
AV = 1
CL = 4pF
VOUT = 100mVP-P
VS = ±5V, ±15V, ±20V
TIME (µs)
-0.06
-0.02
0.02
0.06
0.10
0.14
0.18
0.22
0.26
0
20
40
60
80
100 120 140 160 180 200
-1
1
3
5
7
9
11
13
15
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 4pF
Rf = 10k, Rg = 100
VIN = 200mVP-P
ISL28107, ISL28207


Podobny numer części - ISL28107FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
More results

Podobny opis - ISL28107FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
   Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com