Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12022MIBZ Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL12022MIBZ
Szczegółowy opis  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MIBZ Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL12022MIBZ Datasheet HTML 1Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 2Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 3Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 4Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 5Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 6Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 7Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 8Page - Intersil Corporation ISL12022MIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
FN6668.5
July 10, 2009
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT and IRQ/FOUT pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on SCL and SDA pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3014) . . . . .>3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
20 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile (Note 2). . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. The ISL12022M Oscillator Initial Accuracy can change after solder reflow attachment. The amount of change will depend on the reflow
temperature and length of exposure. A general rule is to use only one reflow cycle and keep the temperature and time as short as possible.
Changes on the order of ±1ppm to ±3ppm can be expected with typical reflow profiles.
DC Operating Characteristics - RTC
Test Conditions: VDD = +2.7 to +5.5V, TA = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 10)
TYP
(Note 6)
MAX
(Note 10)
UNITS
NOTES
VDD
Main Power Supply
(Note 11)
2.7
5.5
V
VBAT
Battery Supply Voltage
(Note 11)
1.8
5.5
V
3
IDD1
Supply Current. (I2C Not Active,
Temperature Conversion Not Active, FOUT
Not Active)
VDD = 5V
4.1
7
µA
4, 5
VDD = 3V
3.5
6
µA
4, 5
IDD2
Supply Current. (I2C Active, Temperature
Conversion Not Active, Fout Not Active)
VDD = 5V
200
500
µA
4, 5
IDD3
Supply Current. (I2C Not Active,
Temperature Conversion Active, FOUT Not
Active)
VDD = 5V
120
400
µA
4, 5
IBAT
Battery Supply Current
VDD = 0V, VBAT = 3V, TA = +25°C
1.0
1.6
µA
4
VDD = 0V, VBAT = 3V
1.0
5.0
µA
4
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
ILO
I/O Leakage Current on SDA
VIL = 0V, VIH = VDD
-1.0
±0.1
1.0
µA
VBATM
Battery Level Monitor Threshold
-100
+100
mV
VPBM
Brownout Level Monitor Threshold
-100
+100
mV
VTRIP
VBAT Mode Threshold
(Note 11)
2.0
2.2
2.4
V
VTRIPHYS VTRIP Hysteresis
30
mV
8
VBATHYS VBAT Hysteresis
50
mV
8
ΔFout
T
Oscillator Stability vs Temperature
VDD = 3.3V
-5
+5
ppm
2
ΔFoutV
Oscillator Stability vs Voltage
2.7V
≤ VDD ≤ 5.5V
-3
+3
ppm
ΔFoutI
Oscillator Initial Accuracy
VDD = 3.3V
-3
+3
ppm
2
Temp
Temperature Sensor Accuracy
VDD = VBAT = 3.3V
±2
°C
8
IRQ/FOUT (OPEN DRAIN OUTPUT)
VOL
Output Low Voltage
VDD = 5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V
ISL12022M


Podobny numer części - ISL12022MIBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12022MIBZ INTERSIL-ISL12022MIBZ Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
ISL12022MIBZ INTERSIL-ISL12022MIBZ Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MIBZ RENESAS-ISL12022MIBZ Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ RENESAS-ISL12022MIBZ Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL12022MIBZ-T INTERSIL-ISL12022MIBZ-T Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Podobny opis - ISL12022MIBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com