Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12008 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL12008
Szczegółowy opis  I2C Real Time Clock with Battery Backup
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12008 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL12008 Datasheet HTML 2Page - Intersil Corporation ISL12008 Datasheet HTML 3Page - Intersil Corporation ISL12008 Datasheet HTML 4Page - Intersil Corporation ISL12008 Datasheet HTML 5Page - Intersil Corporation ISL12008 Datasheet HTML 6Page - Intersil Corporation ISL12008 Datasheet HTML 7Page - Intersil Corporation ISL12008 Datasheet HTML 8Page - Intersil Corporation ISL12008 Datasheet HTML 9Page - Intersil Corporation ISL12008 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN6690.1
September 26, 2008
General Description
The ISL12008 device is a low power real time clock with
timing and crystal compensation, clock/calendar, power fail
indicator, software alarm, and intelligent battery backup
switching.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, seconds, and sub-seconds. The device has
calendar registers for date, month, year and day of the week.
The calendar is accurate through 2099, with automatic leap
year correction.
The ISL12008's powerful alarm can be set to any
clock/calendar value for a match. For example, every
minute, every Tuesday or at 5:23 AM on March 21. The
alarm status is available by checking the Status Register.
The device also offers a backup power input pin. This VBAT
pin allows the device to be backed up by battery or super
capacitor with automatic switchover from VDD to VBAT. The
entire ISL12008 device is fully operational from 2.7V to 5.5V
and the clock/calendar portion of the device remains fully
operational down to 1.8V in battery mode.
Pin Descriptions
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal is
used with the ISL12008 to supply a timebase for the real time
clock. Internal compensation circuitry provides high accuracy
over the operating temperature range from -40°C to +85°C.
This oscillator compensation network can be used to calibrate
Typical Performance Curves Temperature is +25°C, unless otherwise specified.
FIGURE 1. IBAT vs VBAT
FIGURE 2. IBAT vs TEMPERATURE AT VBAT = 3V
FIGURE 3. IDD1 vs TEMPERATURE
FIGURE 4. IDD1 vs VDD WITH LPMODE ON AND OFF
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT (V)
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-40
-20
0
204060
80
TEMPERATURE (°C)
1.0
1.5
2.0
2.5
3.0
3.5
-40
-20
0
20406080
TEMPERATURE (°C)
VDD = 3.3V
VDD = 5V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.82.3
2.8
3.3
3.84.3
4.85.3
VDD (V)
LP MODE OFF
LP MODE ON
FIGURE 5. STANDARD OUTPUT LOAD FOR TESTING THE
DEVICE WITH VDD = 5.0V
SDA
AND
FT/OUT
1533
Ω
100pF
5.0V
FOR VOL= 0.4V
AND IOL = 3mA
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 5V
ISL12008


Podobny numer części - ISL12008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12008 INTERSIL-ISL12008 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12008 RENESAS-ISL12008 Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
ISL12008IB8Z RENESAS-ISL12008IB8Z Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
ISL12008IB8Z-T RENESAS-ISL12008IB8Z-T Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
More results

Podobny opis - ISL12008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
logo
Cymbet Corporation
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
Epson Company
RX8130CE EPSON-RX8130CE Datasheet
362Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus) Build in backup battery charge control function
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com