Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12008 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL12008
Szczegółowy opis  I2C Real Time Clock with Battery Backup
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12008 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL12008 Datasheet HTML 4Page - Intersil Corporation ISL12008 Datasheet HTML 5Page - Intersil Corporation ISL12008 Datasheet HTML 6Page - Intersil Corporation ISL12008 Datasheet HTML 7Page - Intersil Corporation ISL12008 Datasheet HTML 8Page - Intersil Corporation ISL12008 Datasheet HTML 9Page - Intersil Corporation ISL12008 Datasheet HTML 10Page - Intersil Corporation ISL12008 Datasheet HTML 11Page - Intersil Corporation ISL12008 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN6690.1
September 26, 2008
The I2C bus is deactivated in battery backup mode to provide
lower power. Aside from this, all RTC functions are
operational during battery backup mode. Except for SCL and
SDA, all the inputs and outputs of the ISL12008 are active
during battery backup mode unless disabled via the control
register.
Power Failure Detection
The ISL12008 provides a Real Time Clock Failure Bit (RTCF,
address 0Bh) to detect total power failure. It allows users to
determine if the device has powered up after having lost all
power to the device (both VDD and VBAT).
Low Power Mode
The normal power switching of the ISL12008 is designed to
switch into battery backup mode only if the VDD power is
lost. This will ensure that the device can accept a wide range
of backup voltages from many types of sources while reliably
switching into backup mode. Another mode, called Low
Power Mode, is available to allow direct switching from VDD
to VBAT without requiring VDD to drop below VTRIP. Since
the additional monitoring of VDD vs VTRIP is no longer
needed, that circuitry is shut down and less power is used
while operating from VDD. Power savings are typically
600nA at VDD = 5V. Low Power Mode is activated via the
LPMODE bit (address 08h, bit 5) in the control and status
registers.
Low Power Mode is useful in systems where VDD is normally
higher than VBAT at all times. The device will switch from
VDD to VBAT when VDD drops below VBAT, with about 50mV
of hysteresis to prevent any switchback of VDD after
switchover. In a system with a VDD = 5V and backup lithium
battery of VBAT = 3V, Low Power Mode can be used.
However, it is not recommended to use Low Power Mode in
a system with VDD = 3.3V ±10%, VBAT ≥ 3.0V, and when
there is a finite I-R voltage drop in the VDD line.
InterSeal™ and ReSeal™ Battery Saver
The ISL12008 has the InterSeal Battery Saver, which
prevents initial battery current drain before it is first used. For
example, battery-backed RTCs are commonly packaged on
a board with a battery connected. In order to preserve
battery life, the ISL12008 will not draw any power from the
battery source until after the device is first powered up from
the VDD source. Thereafter, the device will switchover to
battery backup mode whenever VDD power is lost.
The ISL12008 has the ReSeal function, which allows the
device to enter into the InterSeal Battery Saver mode after
manufacture testing for board functionality. To use the
ReSeal function, simply set RESEAL bit to “1” (address 0Bh)
after the testing is completed. It will enable the InterSeal
Battery Saver mode and prevents battery current drain
before it is first used.
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation
of sub-second, second, minute, hour, day of week, date,
month, and year. The RTC has leap-year correction, and
corrects for months having fewer than 31 days. The RTC
hours is in 24-hour format only. When the ISL12008 powers
up after the loss of both VDD and VBAT, the RTC will not
begin incrementing until at least one byte is written to the
RTC registers. The sub-second register will increment after
power up but it will not casue the other RTC registers to
incremnent until at least one byte is written to the RTC
registers.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
frequency of the quartz crystal that is used as the time base
for the RTC. Since the resonant frequency of a crystal is
temperature dependent, the RTC performance will also be
dependent upon temperature. The frequency deviation of
the crystal is a function of the turnover temperature of the
crystal from the crystal’s nominal frequency. For example, a
~20ppm frequency deviation translates into an accuracy of
~1 minute per month. These parameters are available from
the crystal manufacturer. The ISL12008 provides on-chip
crystal compensation networks to adjust load capacitance to
tune oscillator frequency from -97.0695ppm to
+206.139ppm. For more detailed information. See
“Application Section” on page 16.
I2C Serial Interface
The ISL12008 has an I2C serial bus interface that provides
access to the control and status registers and the user
SRAM. The I2C serial interface is compatible with other
industry I2C serial bus protocols using a bidirectional data
signal (SDA) and a clock signal (SCL).
Oscillator Compensation
The ISL12008 provides the option of timing correction due to
temperature variation of the crystal oscillator for either
manufacturing calibration or active calibration. The total
possible compensation is typically -97.0695ppm to
+206.139ppm. Two compensation mechanisms that are
available are as follows:
1. An analog trimming (ATR) register that can be used to
adjust individual on-chip digital capacitors for oscillator
capacitance trimming. The individual digital capacitor is
selectable from a range of 4.5pF to 20.25pF (based upon
32.758kHz). This translates to a calculated
compensation of approximately -34ppm to +80ppm (see
ATR description on page 16).
2. A digital trimming register (DTR) that can be used to
adjust the timing counter by -63.0696ppm to
+126.139ppm (see DTR description on page 16).
ISL12008


Podobny numer części - ISL12008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12008 INTERSIL-ISL12008 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12008 RENESAS-ISL12008 Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
ISL12008IB8Z RENESAS-ISL12008IB8Z Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
ISL12008IB8Z-T RENESAS-ISL12008IB8Z-T Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
More results

Podobny opis - ISL12008

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
   5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
logo
Cymbet Corporation
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
Epson Company
RX8130CE EPSON-RX8130CE Datasheet
362Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus) Build in backup battery charge control function
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com