Zakładka z wyszukiwarką danych komponentów |
|
ISL12082IUZ-T Arkusz danych(PDF) 11 Page - Intersil Corporation |
|
ISL12082IUZ-T Arkusz danych(HTML) 11 Page - Intersil Corporation |
11 / 26 page 11 FN6731.3 November 24, 2008 3. Alarm (6 bytes): Address 0Ch to 11h. 4. TIMER (4 bytes): Address 12h to 14h, with address 14h as write-only byte and read back ‘0’.. There are no addresses above 1Fh. Address 15h to 1Eh are not used. Reads or writes to addresses 15h to 1Eh will not affect operation of the device but should be avoided. Write capability is allowable into the RTC registers (00h to 06h, and 1Fh) only when the WRTC bit (bit 4 of address 07h) is set to “1”. A multi-byte read or write operation is limited to one section per operation. Access to another section requires a new operation. A read or write can begin at any address within the section. A register can be read by performing a random read at any address at any time. This returns the contents of that register location. Additional registers are read by performing a sequential read. For the RTC and alarm registers, the read instruction latches all clock registers into a buffer, so an update of the clock does not change the time being read. A sequential read will not result in the output of data from the memory array. At the end of a read, the master supplies a stop condition to end the operation and free the bus. After a read, the address remains at the previous address +1 so the user can execute a current address read and continue reading the next register. TABLE 1. REGISTER MEMORY MAP ADDR. SECTION REG NAME BIT REG 7 6 5 4 3 2 1 0 RANGE DEFAULT 1Fh RTC SS SS23 SS22 SS21 SS20 SS13 SS12 SS11 SS10 0 to 99 00h 00h SC 0 SC22 SC21 SC20 SC13 SC12 SC11 SC10 0 to 59 00h 01h MN OF MN22 MN21 MN20 MN13 MN12 MN11 MN10 0 to 59 80h 02h HR MIL 0 HR21 HR20 HR13 HR12 HR11 HR10 0 to 23 00h 03h DT 0 0 DT21 DT20 DT13 DT12 DT11 DT10 1 to 31 00h 04h MO 0 0 0 MO20 MO13 MO12 MO11 MO10 1 to 12 00h 05h YR YR23 YR22 YR21 YR20 YR13 YR12 YR11 YR10 0 to 99 00h 06h DW 00000 DW12 DW11 DW10 0 to 6 00h 07h Status SR ARST XSTOP RESEAL WRTC TMR ALM BAT RTCF N/A 03h 08h Control INT IM ALME LPMODE FOBATB IRQ2E IRQ1E FO1 FO0 N/A 00h 09h TMRC TIM TMRE TMOD1 TMOD0 0 0 TCLK1 TCLK0 N/A 00h 0Ah ATR BMATR1 BMATR0 ATR5 ATR4 ATR3 ATR2 ATR1 ATR0 N/A 00h 0Bh DTR 0 0 DTR5 DTR4 DTR3 DTR2 DTR1 DTR0 N/A 80h 0Ch Alarm0 SCA ESCA ASC22 ASC21 ASC20 ASC13 ASC12 ASC11 ASC10 00 to 59 00h 0Dh MNA EMNA AMN22 AMN21 AMN20 AMN13 AMN12 AMN11 AMN10 00 to 59 00h 0Eh HRA EHRA 0 AHR21 AHR20 AHR13 AHR12 AHR11 AHR10 0 to 23 00h 0Fh DTA EDTA 0 ADT21 ADT20 ADT13 ADT12 ADT11 ADT10 1 to 31 00h 10h MOA EMOA 0 0 AMO20 AMO13 AMO12 AMO11 AMO10 1 to 12 00h 11h DWA EDWA 0000 ADW12 ADW11 ADW10 0 to 6 00h 12h TIMER TDAT TDAT7 TDAT6 TDAT5 TDAT4 TDAT3 TDAT2 TDAT1 TDAT0 0 to 255 00h 13h TCNT TCNT7 TCNT6 TCNT5 TCNT4 TCNT3 TCNT2 TCNT1 TCNT0 0 to 255 00h 14h TSDAT X TSDAT6 TSDAT5 TSDAT4 TSDAT3 TSDAT2 TSDAT1 TSDAT0 0 to 99 00h ISL12082 |
Podobny numer części - ISL12082IUZ-T |
|
Podobny opis - ISL12082IUZ-T |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |