Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3314ER Arkusz danych(PDF) 1 Page - Sony Corporation

Numer części CXA3314ER
Szczegółowy opis  6GHz PLL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3314ER Arkusz danych(HTML) 1 Page - Sony Corporation

  CXA3314ER Datasheet HTML 1Page - Sony Corporation CXA3314ER Datasheet HTML 2Page - Sony Corporation CXA3314ER Datasheet HTML 3Page - Sony Corporation CXA3314ER Datasheet HTML 4Page - Sony Corporation CXA3314ER Datasheet HTML 5Page - Sony Corporation CXA3314ER Datasheet HTML 6Page - Sony Corporation CXA3314ER Datasheet HTML 7Page - Sony Corporation CXA3314ER Datasheet HTML 8Page - Sony Corporation CXA3314ER Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
– 1 –
E00782E2Z-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3314ER
24 pin VQFN (Plastic)
Description
The CXA3314ER is a general-purpose PLL IC
which directly frequency divides RF up to 6GHz in
combination with an external VCO and loop.
Features
• Low current consumption: 9mA (typ. at VCC = 3V)
• Low voltage operation: 2.7 to 3.3V
• Small package: 24-pin VQFN (plastic)
• Supports sleep mode: 10µA (max. at VCC = 3V)
• Data setting by a 3-wire interface
• Reference frequency divider
Reference counter: 15 bits (3 to 32767)
• Comparison frequency divider
Fixed frequency division: 4
Swallow counter:
5 bits (0 to 31)
Main counter:
13 bits (3 to 8191)
Comparison frequency
division value:
4
× (992 to 262143)
• Built-in charge pump circuit with high-speed pull-in
and normal modes
• Lock signal output function
Applications
This IC is ideal for the synthesizers of microwave
communications equipment up to 6GHz and
general-purpose PLL synthesizers such as in high-
speed, high frequency measurement equipment.
• ETC (ITS) related
• VCO modules
• Wireless LAN communications
• High-speed, high frequency measurement
equipment
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC
3.6
V
• Operating temperature
Topr
–30 to +85
°C
• Storage temperature
Tstg –65 to +150 °C
• Allowable power dissipation PD
900
mW
Operating Condition
Supply voltage
VCC
2.7 to 3.3
V
Note on ESD strength
This product has a low ESD strength to ensure the high frequency characteristics.
Sony semiconductor devices are classified into ESD strength ranks from A to E based on ESD test results
according to Sony original criteria.
These ESD ranks are set for each test, and indicate the ESD risk for each breakdown model.
6GHz PLL


Podobny numer części - CXA3314ER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3304N SONY-CXA3304N Datasheet
147Kb / 12P
   IF IC for ETC
CXA3328EN SONY-CXA3328EN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3328TN SONY-CXA3328TN Datasheet
519Kb / 15P
   Analog Signal Processor RX-IF IC for W-CDMA Cellular Phones
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
   Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
More results

Podobny opis - CXA3314ER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
TAV-541 MINI-TAV-541 Datasheet
596Kb / 13P
   E-PHEMT 0.45-6GHz
logo
American Accurate Compo...
JXMBGF-T-2-5000-6000 AAC-JXMBGF-T-2-5000-6000 Datasheet
264Kb / 1P
   5~6GHz Power Divider
logo
Mini-Circuits
SAV-551 MINI-SAV-551 Datasheet
582Kb / 13P
   E-PHEMT 0.45-6GHz
TAV-551 MINI-TAV-551 Datasheet
590Kb / 13P
   E-PHEMT 0.45-6GHz
logo
Japan Aviation Electron...
CF2 JAE-CF2 Datasheet
326Kb / 8P
   FREQUENCY RANGE TO 6GHz
logo
Diodes Incorporated
PI6C59S6005 DIODES-PI6C59S6005 Datasheet
1Mb / 16P
   6GHz Selectable Fanout Buffer
logo
Mini-Circuits
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
logo
Transcom, Inc.
TA020-060-30-33 TRANSCOM-TA020-060-30-33 Datasheet
61Kb / 2P
   2 ~ 6GHz 33dBm PowerAmplifier
logo
Mini-Circuits
SAV-581 MINI-SAV-581 Datasheet
542Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-581 MINI-TAV-581 Datasheet
570Kb / 11P
   E-PHEMT 0.45-6GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com