Zakładka z wyszukiwarką danych komponentów |
|
ISL28236FBZ-T7 Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL28236FBZ-T7 Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 13 page 2 FN6921.0 June 18, 2009 Absolute Maximum Ratings (TA = +25°C) Thermal Information Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V Thermal Resistance (Typical, Note 1) θJA (°C/W) 8 Ld SO Package . . . . . . . . . . . . . . . . . . . . . . . . . . 120 8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . . 160 Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Operating Conditions Ambient Temperature Range. . . . . . . . . . . . . . . . . . -40°C to +125°C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTE: 1. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data established by characterization. PARAMETER DESCRIPTION CONDITIONS MIN (Note 2) TYP MAX (Note 2) UNIT DC SPECIFICATIONS VOS Input Offset Voltage 8 Ld SOIC -240 -250 20 240 250 µV Input Offset Voltage vs Temperature 0.4 µV/°C IOS Input Offset Current TA = -40°C to +125°C -10 -30 210 30 nA IB Input Bias Current TA = -40°C to +125°C -40 -50 640 50 nA VCM Common-Mode Voltage Range Guaranteed by CMRR 0 5 V CMRR Common-Mode Rejection Ratio VCM = 0V to 5V 90 90 115 dB PSRR Power Supply Rejection Ratio V+ = 2.4V to 5.5V 90 90 100 dB AVOL Large Signal Voltage Gain VO = 0.5V to 4V, RL = 100kΩ to VCM 600 500 1600 V/mV VO = 0.5V to 4V, RL = 1kΩ to VCM 100 V/mV VOUT Maximum Output Voltage Swing Output low, RL = 100kΩ to VCM 110 10 mV Output low, RL = 1kΩ to VCM 47 70 90 mV Output high, RL = 100kΩ to VCM 4.99 4.99 4.997 V Output high, RL = 1kΩ to VCM 4.93 4.91 4.952 V IS Supply Current 2 2.5 2.6 mA ΔV OS ΔT ---------------- ISL28236 |
Podobny numer części - ISL28236FBZ-T7 |
|
Podobny opis - ISL28236FBZ-T7 |