Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK11C68-SF25TR Arkusz danych(PDF) 8 Page - Cypress Semiconductor

Numer części STK11C68-SF25TR
Szczegółowy opis  64 Kbit (8K x 8) SoftStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C68-SF25TR Arkusz danych(HTML) 8 Page - Cypress Semiconductor

Back Button STK11C68-SF25TR Datasheet HTML 4Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 5Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 6Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 7Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 8Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 9Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 10Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 11Page - Cypress Semiconductor STK11C68-SF25TR Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
STK11C68
Document Number: 001-50638 Rev. **
Page 8 of 16
SRAM Write Cycle
Parameter
Description
25 ns
35 ns
45 ns
Unit
Min
Max
Min
Max
Min
Max
Cypress
Parameter
Alt
tWC
tAVAV
Write Cycle Time
25
35
45
ns
tPWE
tWLWH, tWLEH
Write Pulse Width
20
25
30
ns
tSCE
tELWH, tELEH
Chip Enable To End of Write
20
25
30
ns
tSD
tDVWH, tDVEH
Data Setup to End of Write
10
12
15
ns
tHD
tWHDX, tEHDX
Data Hold After End of Write
0
0
0
ns
tAW
tAVWH, tAVEH
Address Setup to End of Write
20
25
30
ns
tSA
tAVWL, tAVEL
Address Setup to Start of Write
0
0
0
ns
tHA
tWHAX, tEHAX
Address Hold After End of Write
0
0
0
ns
tHZWE
[6,7]
tWLQZ
Write Enable to Output Disable
10
13
15
ns
tLZWE
[6]
tWHQX
Output Active After End of Write
5
5
5
ns
Switching Waveforms
Figure 7. SRAM Write Cycle 1: WE Controlled [7, 8]
Figure 8. SRAM Write Cycle 2: CE and OE Controlled [7, 8]
tWC
tSCE
tHA
tAW
tSA
tPWE
tSD
tHD
tHZWE
tLZWE
ADDRESS
CE
WE
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
PREVIOUS DATA
tWC
ADDRESS
tSA
tSCE
tHA
tAW
tPWE
tSD
tHD
CE
WE
DATA IN
DATA OUT
HIGH IMPEDANCE
DATA VALID
Notes
7. If WE is Low when CE goes Low, the outputs remain in the high impedance state.
8. CE or WE must be greater than VIH during address transitions.
[+] Feedback


Podobny numer części - STK11C68-SF25TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK11C68-SF25TR SIMTEK-STK11C68-SF25TR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

Podobny opis - STK11C68-SF25TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
List of Unclassifed Man...
U631H64 ETC-U631H64 Datasheet
194Kb / 12P
   SoftStore 8K x 8 nvSRAM
logo
Simtek Corporation
U631H64 SIMTEK-U631H64 Datasheet
131Kb / 13P
   SoftStore 8K x 8 nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com