Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK12C68 Arkusz danych(PDF) 11 Page - Cypress Semiconductor

Numer części STK12C68
Szczegółowy opis  64 Kbit (8K x 8) AutoStore nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68 Arkusz danych(HTML) 11 Page - Cypress Semiconductor

Back Button STK12C68 Datasheet HTML 7Page - Cypress Semiconductor STK12C68 Datasheet HTML 8Page - Cypress Semiconductor STK12C68 Datasheet HTML 9Page - Cypress Semiconductor STK12C68 Datasheet HTML 10Page - Cypress Semiconductor STK12C68 Datasheet HTML 11Page - Cypress Semiconductor STK12C68 Datasheet HTML 12Page - Cypress Semiconductor STK12C68 Datasheet HTML 13Page - Cypress Semiconductor STK12C68 Datasheet HTML 14Page - Cypress Semiconductor STK12C68 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STK12C68
Document Number: 001-51027 Rev. **
Page 11 of 20
AutoStore or Power Up RECALL
Parameter
Alt
Description
STK12C68
Unit
Min
Max
tHRECALL
[13]
tRESTORE
Power up RECALL Duration
550
μs
tSTORE
[14, 15, 16]
tHLHZ
STORE Cycle Duration
10
ms
tDELAY
[9, 15]
tHLQZ , tBLQZ
Time Allowed to Complete SRAM Cycle
1
μs
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
VRESET
Low Voltage Reset Level
3.9
V
tVCCRISE
VCC Rise Time
150
μs
tVSBL
[11]
Low Voltage Trigger (VSWITCH) to HSB Low
300
ns
Switching Waveform
Figure 11. AutoStore/Power Up RECALL
WE
Notes
13. tHRECALL starts from the time VCC rises above VSWITCH.
14. CE and OE low for output behavior.
15. CE and OE low and WE high for output behavior.
16. HSB is asserted low for 1us when VCAP drops through VSWITCH. If an SRAM Write has not taken place since the last nonvolatile cycle, HSB is released and no store
takes place.
[+] Feedback


Podobny numer części - STK12C68

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68 ETC-STK12C68 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
logo
List of Unclassifed Man...
STK12C68-40M ETC-STK12C68-40M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
More results

Podobny opis - STK12C68

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
STK11C68 CYPRESS-STK11C68 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-5 CYPRESS-STK11C68-5 Datasheet
536Kb / 15P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com