Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK11C88-NF45 Arkusz danych(PDF) 10 Page - Cypress Semiconductor

Numer części STK11C88-NF45
Szczegółowy opis  256 Kbit (32K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C88-NF45 Arkusz danych(HTML) 10 Page - Cypress Semiconductor

Back Button STK11C88-NF45 Datasheet HTML 6Page - Cypress Semiconductor STK11C88-NF45 Datasheet HTML 7Page - Cypress Semiconductor STK11C88-NF45 Datasheet HTML 8Page - Cypress Semiconductor STK11C88-NF45 Datasheet HTML 9Page - Cypress Semiconductor STK11C88-NF45 Datasheet HTML 10Page - Cypress Semiconductor STK11C88-NF45 Datasheet HTML 11Page - Cypress Semiconductor STK11C88-NF45 Datasheet HTML 12Page - Cypress Semiconductor STK11C88-NF45 Datasheet HTML 13Page - Cypress Semiconductor STK11C88-NF45 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK11C88
Document Number: 001-50591 Rev. **
Page 10 of 15
STORE INHIBIT or Power Up RECALL
Parameter
Alt
Description
STK11C88
Unit
Min
Max
tHRECALL
[10]
tRESTORE
Power up RECALL Duration
550
μs
tSTORE
[6]
tHLHZ
STORE Cycle Duration
10
ms
VRESET
Low Voltage Reset Level
3.6
V
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
Switching Waveforms
Figure 9. STORE INHIBIT/Power Up RECALL
VCC
VSWITCH
VRESET
POWER-UP RECALL
DQ (DATA OUT)
STORE INHIBIT
5V
tHRECALL
POWER-UP
RECALL
BROWN OUT
STORE INHIBIT
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
STORE INHIBIT
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
STORE INHIBIT
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
Notes
10. tHRECALL starts from the time VCC rises above VSWITCH.
[+] Feedback


Podobny numer części - STK11C88-NF45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK11C88-NF45 SIMTEK-STK11C88-NF45 Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-NF45 SIMTEK-STK11C88-NF45 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK11C88-NF45I SIMTEK-STK11C88-NF45I Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-NF45I SIMTEK-STK11C88-NF45I Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK11C88-NF45ITR SIMTEK-STK11C88-NF45ITR Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
More results

Podobny opis - STK11C88-NF45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com