Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM220 Arkusz danych(PDF) 7 Page - Extech Instruments Corporation.

Numer części DM220
Szczegółowy opis  Pocket Autoranging DMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXTECH [Extech Instruments Corporation.]
Strona internetowa  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

DM220 Arkusz danych(HTML) 7 Page - Extech Instruments Corporation.

Back Button DM220 Datasheet HTML 3Page - Extech Instruments Corporation. DM220 Datasheet HTML 4Page - Extech Instruments Corporation. DM220 Datasheet HTML 5Page - Extech Instruments Corporation. DM220 Datasheet HTML 6Page - Extech Instruments Corporation. DM220 Datasheet HTML 7Page - Extech Instruments Corporation. DM220 Datasheet HTML 8Page - Extech Instruments Corporation. DM220 Datasheet HTML 9Page - Extech Instruments Corporation. DM220 Datasheet HTML 10Page - Extech Instruments Corporation. DM220 Datasheet HTML 11Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DM220 V3.0 01/06
7
Diode Test
Test current 1mA, open circuit voltage 1.5V DC typical
Continuity Check
Audible sound if the resistance is less than 100
Non-Contact Volt detect 100 to 600VAC; 50/60Hz
Input Impedance
>7.5MΩ (VDC & VAC)
AC Response
Average responding
ACV Bandwidth
50Hz to 60Hz
Display
4000 count 3-3/4 digit liquid crystal
Overrange indication
“OL” is displayed
Polarity
Automatic (no indication for positive); Minus (-) sign for
negative
Auto Power Off
15 minutes (approx)
Low Battery Indication “ ” is displayed if battery voltage drops below operating
voltage
Batteries
Two 1.5 volt AAA
Fuses
mA, µA ranges; 0.2A/500V fast acting resettable fuse
Operating Temperature 32ºF to 104ºF (0ºC to 40ºC)
Storage Temperature
14
oF to 122oF (-10oC to 50oC)
Operating Humidity
Max 80% up to 87ºF (31ºC) decreasing linearly to 50% at
104ºF (40ºC)
Storage Humidity
<80%
Operating Altitude
7000ft. (2000meters) maximum.
Weight
0.319lb (145g)
Size
4.09” x 2.1” x 1.2” (104 x 55 x 32.5mm)
Safety
For origin of installation use and in accordance with the
requirements for double insulation per EN61010-1 and
IEC61010-1 2
nd Edition (2001) to Overvoltage Category IV
600V and Category III 1000V; Pollution Degree 2.
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in parts
and workmanship for three years from date of shipment (a six month limited warranty applies to
sensors and cables). If it should become necessary to return the instrument for service during or
beyond the warranty period, contact the Customer Service Department at (781) 890-7440 ext. 210
for authorization or visit our website www.extech.com for contact information. A Return
Authorization (RA) number must be issued before any product is returned to Extech. The sender is
responsible for shipping charges, freight, insurance and proper packaging to prevent damage in
transit. This warranty does not apply to defects resulting from action of the user such as misuse,
improper wiring, operation outside of specification, improper maintenance or repair, or
unauthorized modification. Extech specifically disclaims any implied warranties or merchantability
or fitness for a specific purpose and will not be liable for any direct, indirect, incidental or
consequential damages. Extech's total liability is limited to repair or replacement of the product.
The warranty set forth above is inclusive and no other warranty, whether written or oral, is
expressed or implied.
Copyright © 2006 Extech Instruments Corporation
All rights reserved including the right of reproduction in whole or in part in any form.
Support line (781) 890-7440
Technical support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For up-to-the-minute product information, visit our website: www.extech.com
Extech Instruments Corporation, 285 Bear Hill Rd., Waltham, MA 02451


Podobny numer części - DM220

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
DM2200-434VM RFM-DM2200-434VM Datasheet
507Kb / 6P
   RFM VersaMESHTM Versatile Mesh Network Protocol
DM2200-916VM RFM-DM2200-916VM Datasheet
347Kb / 6P
   RFM VersaMESHTM Versatile Mesh Network Protocol
DM2200-916VM-1 RFM-DM2200-916VM-1 Datasheet
347Kb / 6P
   Up to 600 meters Module to Module range
logo
Extech Instruments Corp...
DM220 EXTECH-DM220_15 Datasheet
353Kb / 1P
   CAT IV Pocket MultiMeter
More results

Podobny opis - DM220

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Extech Instruments Corp...
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
   Mini Autoranging MultiMeter
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
   AC INPUT - AUTORANGING
logo
List of Unclassifed Man...
UAW125S-12 ETC2-UAW125S-12 Datasheet
169Kb / 3P
   Autoranging input
MS8211 ETC1-MS8211 Datasheet
3Mb / 1P
   PEN-TYPE AUTORANGING
logo
Powerbox
FLATPAC POWERBOX-FLATPAC Datasheet
165Kb / 2P
   Inputs - 115/230VAC autoranging
logo
Extech Instruments Corp...
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
   Autoranging Mini Multimeter
logo
Vicor Corporation
FARM VICOR-FARM Datasheet
314Kb / 12P
   FARM Filter/ Autoranging Rectifier Module
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
   33/4 Digit, Autoranging Multimeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com