Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1825A Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1825A
Szczegółowy opis  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1825A Arkusz danych(HTML) 3 Page - Texas Instruments

  UC1825A Datasheet HTML 1Page - Texas Instruments UC1825A Datasheet HTML 2Page - Texas Instruments UC1825A Datasheet HTML 3Page - Texas Instruments UC1825A Datasheet HTML 4Page - Texas Instruments UC1825A Datasheet HTML 5Page - Texas Instruments UC1825A Datasheet HTML 6Page - Texas Instruments UC1825A Datasheet HTML 7Page - Texas Instruments UC1825A Datasheet HTML 8Page - Texas Instruments UC1825A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for
the UC1823A,B and UC1825A,B; –40°C to +85°C for the UC2823A,B and UC2825A,B; 0°C to +70°C for the UC3823A,B and
UC3825A,B; RT = 3.65k, CT = 1nF, VCC = 12V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Section
Initial Accuracy
TJ = 25°C (Note 1)
375
400
425
kHz
Total Variation
Line, Temperature (Note 1)
350
450
kHz
Voltage Stability
12V < VCC < 20V
1
%
Temperature Stability
TMIN < TA <TMAX (Note 1)
5
%
Initial Accuracy
RT = 6.6k, CT = 220pF, TA = 25°C (Note 1)
0.9
1
1.1
MHz
Total Variation
RT = 6.6k, CT = 220pF (Note 1)
0.85
1.15
MHz
Clock Out High
3.7
4
V
Clock Out Low
0
0.2
V
Ramp Peak
2.6
2.8
3
V
Ramp Valley
0.7
1
1.25
V
Ramp Valley to Peak
1.6
1.8
2
V
Oscillator Discharge Current
RT = Open, VCT = 2V
9
10
11
mA
Error Amplifier Section
Input Offset Voltage
210
mV
Input Bias Current
0.6
3
µA
Input Offset Current
0.1
1
µA
Open Loop Gain
1V < VO < 4V
60
95
dB
CMRR
1.5V < VCM < 5.5V
75
95
dB
PSRR
12V < VCC < 20V
85
110
dB
Output Sink Current
VEAOUT = 1V
1
2.5
mA
Output Source Current
VEAOUT = 4V
–0.5
–1.3
mA
Output High Voltage
IEAOUT = –0.5mA
4.5
4.7
5
V
Output Low Voltage
IEAOUT = 1mA
0
0.5
1
V
Gain Bandwidth Product
F = 200kHz
6
12
MHz
Slew Rate
(Note 1)
6
9
V/
µs
PWM Comparator
RAMP Bias Current
VRAMP = 0V
–1
–8
µA
Minimum Duty Cycle
0%
Maximum Duty Cycle
85
%
Leading Edge Blanking
R = 2k, C = 470pF
300
375
450
ns
LEB Resistor
VCLK/LEB = 3V
8.5
10
11.5
kohm
EAOUT Zero D.C. Threshold
VRAMP = 0V
1.1
1.25
1.4
V
Delay to Output
VEAOUT = 2.1V, VRAMP = 0 to 2V Step (Note 1)
50
80
ns
Current Limit/Start Sequence/Fault Section
Soft Start Charge Current
VSS = 2.5V
8
14
20
µA
Full Soft Start Threshold
4.3
5
V
Restart Discharge Current
VSS = 2.5V
100
250
350
µA
Restart Threshold
0.3
0.5
V
ILIM Bias Current
0 < VILIM < 2V
15
µA
Current Limit Threshold
0.95
1
1.05
V


Podobny numer części - UC1825A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1825A TI-UC1825A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1825A TI-UC1825A Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825A TI-UC1825A Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1825A TI1-UC1825A Datasheet
353Kb / 12P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1825A TI1-UC1825A Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Podobny opis - UC1825A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com