Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5W4HCA-H20 Arkusz danych(PDF) 1 Page - Roithner LaserTechnik GmbH

Numer części 5W4HCA-H20
Szczegółowy opis  Super Bright White LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROITHNER [Roithner LaserTechnik GmbH]
Strona internetowa  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

5W4HCA-H20 Arkusz danych(HTML) 1 Page - Roithner LaserTechnik GmbH

  5W4HCA-H20 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5W4HCA-H20
Super Bright White LED
Features
high intensity LED lamp
5 mm round epoxy package
UV resistant epoxy for outdoor use
Applications
indicators
illumination
Absolute Maximum Ratings ( Ta = 25 °C )
Parameter
Symbol
Max
Unit
Power Dissipation
PD
100
mW
Peak Forward Current *)
IFP
80
mA
Continuous Forward
Current
IF
30
mA
Reverse Voltage
VR
5
V
Operating Temperature
Range
Topr
-30 to +80 °C
Storage Temperature
Range
Tstg
Tstg -40 °C to +100 °C
Lead Soldering
Temperature
**)
Tsol
260
°C
*) Duty cycle max. 1/10, Pulse Width max. 0.1 ms
**) At the position of 4 mm from the bottom of the package within 5 seconds
Electrical Optical Characteristics ( Ta = 25 °C @ If = 20 mA )
Forward
Voltage (V)
Luminous
Intensity (mcd)
Part No.
Material
Lens
Emitting
Color
Typ
Max
Min
Max
Chromaticity
Coordinate (x/y)
Viewing
Angle
(2
θ1/2)
5W4HCA-H20
InGaN
Water Clear
White
3.2
3.6
19000
25000
0.32/0.30
20
Caution in ESD
1.Static electricity and surge damages the LEDs. It is recommended to use a wrist band or anti-electrostatic glove when
handling the LEDs. All devices and equipment and machinery must be properly grounded.
2.When inspecting own final products on which LEDs were mounted, It is easy to find static-damaged LEDs by light
emission test at lower current (below 1 mA is recommended) .
3.Damaged LEDs will show some unusual characteristics such as leak current remarkably increases, starting forward
voltage becomes lower, or the LEDs get unlighted at the low current.
0.50 [0.02]
2.54 [0.10]
0.60 [0.02]
¦Õ5.00 [0.2]
5.40 [0.21]
0.50 [0.02]
CATHODE
Unit: mm[inches]
Tolerance:
0.25mm0.01
¡À
]
Package Dimensions


Podobny numer części - 5W4HCA-H20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Roithner LaserTechnik G...
5W4HCA-H ROITHNER-5W4HCA-H Datasheet
37Kb / 1P
   WHITE LED SERIES
logo
List of Unclassifed Man...
5W4HCA-H30 ETC2-5W4HCA-H30 Datasheet
31Kb / 1P
   Super Bright White LED
logo
Roithner LaserTechnik G...
5W4HCA-H30 ROITHNER-5W4HCA-H30 Datasheet
36Kb / 1P
   Super Bright White LED
More results

Podobny opis - 5W4HCA-H20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RLS-5W-200-S ETC2-RLS-5W-200-S Datasheet
36Kb / 1P
   SUPER BRIGHT WHITE LED
logo
Roithner LaserTechnik G...
5W4HCA-H30 ROITHNER-5W4HCA-H30 Datasheet
36Kb / 1P
   Super Bright White LED
RLS-5W-180-S ROITHNER-RLS-5W-180-S Datasheet
106Kb / 1P
   SUPER BRIGHT WHITE LED
RLS-5W-200-S ROITHNER-RLS-5W-200-S Datasheet
42Kb / 1P
   SUPER BRIGHT WHITE LED
RLS-5W-180S ROITHNER-RLS-5W-180S Datasheet
106Kb / 1P
   SUPER BRIGHT WHITE LED
logo
List of Unclassifed Man...
5W4HCA-H30 ETC2-5W4HCA-H30 Datasheet
31Kb / 1P
   Super Bright White LED
logo
TAITRON Components Inco...
TLH-X1W8-ZIKK TAITRON-TLH-X1W8-ZIKK Datasheet
262Kb / 6P
   Super Bright LED
logo
List of Unclassifed Man...
3803X ETC1-3803X Datasheet
88Kb / 7P
   SUPER BRIGHT LED
logo
TAITRON Components Inco...
TLH-Q1W8-ZIKK TAITRON-TLH-Q1W8-ZIKK Datasheet
261Kb / 6P
   Super Bright LED
logo
P-tec Corporation
PL16D-WCW24Z P-TEC-PL16D-WCW24Z Datasheet
74Kb / 1P
   Ultra Bright White LED
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com