Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2050F Arkusz danych(PDF) 7 Page - Rohm

Numer części BU2050F
Szczegółowy opis  Serial / Parallel 4-input Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU2050F Arkusz danych(HTML) 7 Page - Rohm

Back Button BU2050F_1 Datasheet HTML 3Page - Rohm BU2050F_1 Datasheet HTML 4Page - Rohm BU2050F_1 Datasheet HTML 5Page - Rohm BU2050F_1 Datasheet HTML 6Page - Rohm BU2050F_1 Datasheet HTML 7Page - Rohm BU2050F_1 Datasheet HTML 8Page - Rohm BU2050F_1 Datasheet HTML 9Page - Rohm BU2050F_1 Datasheet HTML 10Page - Rohm BU2050F_1 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
7/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
BU2050F】
Pin descriptions
Pin No.
Pin Name
Function
1
P3
Parallel Data Output
2
P4
3
P5
4
VSS
GND
5
P6
Parallel Data Output
6
P7
7
P8
8
DATA
Serial Data Input
9
CLK
Clock Signal Input
10
STB
Strobe Signal Input
In case of “L”, the data of shift register outputs.
In case of “H”, all parallel outputs and data of latch circuit do not change.
11
CLR
Reset Signal Input
In case of “L”, the data of latch circuit reset, and all parallel output (P1~P8) can be L.
Normally CLR=H
12
P1
Parallel Data output
13
P2
14
VDD
Power Supply
Timing chart
Fig. 2
1. After the power is turned on and the voltage is stabilized, STB should be activated, after clocking 8 data bits into the
DATA pin.
2. Pn parallel output data of the shift register is set after the 8
th clock by the STB.
3. Since the STB is level latch, data is retained in the “L” section and renewed in the “H” section of the STB.
Function explanation]
A latch circuit has the reset function, which is common in all bits. In case of CLR terminal is “L”, the latch
circuit is reset non-synchronously without the other input condition, and all parallel output can be “L”.
A serial data inputted from DATA terminal is read in shift register with synchronized rising of clock.
In case of STB is “L” (CLR is ”H”), transmit the data which read in the shift register to latch circuit, and
outputs from the parallel data output terminal (P1~P8).
In case of STB is “H”, all parallel outputs and the data of latch do not change.
CLK
STB
DATA
DATA8
DATA7
DATA6
DATA2
DATA1
Pn
Previous DATA
DATA
CLR
“L”


Podobny numer części - BU2050F_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
More results

Podobny opis - BU2050F_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com