Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ13100 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części MJ13100
Szczegółowy opis  Silicon NPN Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ13100 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ13100 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ13100 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
MJ13100/13101
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJ13100
400
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
MJ13101
IC=100mA ; IB=0
450
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 15A; IB= 3A
IC= 15A; IB= 3A;TC=100℃
1.0
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 20A; IB= 4A
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 15A; IB= 3A
IC= 15A; IB= 3A;TC=100℃
1.5
1.5
V
MJ13100
VCEV=650V;VBE(off)=1.5V
VCEV=650V;VBE(off)=1.5V;TC=100℃
0.5
2.5
ICEV
Collector
Cutoff Current
MJ13101
VCEV=750V;VBE(off)=1.5V
VCEV=750V;VBE(off)=1.5V;TC=100℃
0.5
2.5
mA
MJ13100
VCE= 650V; RBE= 50Ω,TC= 100℃
3.0
ICER
Collector
Cutoff Current
MJ13101
VCE= 750V; RBE= 50Ω,TC= 100℃
3.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC=0
1.0
mA
hFE
DC Current Gain
IC= 15A ; VCE= 3V
8
40
COB
Output Capacitance
IE= 0; VCB= 10V; ftest=1.0kHz
450
pF
Switching times;Resistive Load
td
Delay Time
20
50
ns
tr
Rise Time
130
500
ns
ts
Storage Time
900
3500
ns
tf
Fall Time
IC= 15A , VCC= 250V;
IB1= 2A;tp= 30μs; VBE(off)= 5V
Duty Cycle≤2.0%
100
500
ns
isc Website:www.iscsemi.cn
2


Podobny numer części - MJ13100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ13101 MOTOROLA-MJ13101 Datasheet
249Kb / 6P
   SWITCHMODE II SERIES NPN SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
MJ13101 NJSEMI-MJ13101 Datasheet
124Kb / 2P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - MJ13100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com