Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD-F305RD Arkusz danych(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Numer części BD-F305RD
Szczegółowy opis  bright red chips, which are made from GaP on GaP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Strona internetowa  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-F305RD Arkusz danych(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-F305RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-F305RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-F305RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BD
D--F
F3
30
05
5R
RD
D
Ver.2.0 Page 1 of 3
SINCE 1981
Package Dimensions :
7.62(.300)
15.0(.591)
4.00(.157)
15.50(.610)
10
2.54(.100)
6.6±0.5(.260±020)
0.5(.020)
7.20(.283)
1.1(.043)
10.16(.400)
Notes:
1.
All dimensions are in millimeters(inches).
2.
Tolerance is ±0.25mm(.01")unless otherwise
specified.
3.
Specifications are subject to change without
notice.
Features :
1.
0.30 inch (7.62mm) Digit Height.
2.
Continuous uniform segments.
3.
Low power requirement.
4.
Excellent characters appearance.
5.
Solid state reliability.
6.
Categorized for luminous intensity.
7.
Duplex drive common cathode.
Description :
1.
The BD-F305RD is a 7.62mm(0.30")
high dual digit seven segments display.
2.
This product use bright red chips, which
are made from GaP on GaP substrate.
3.
This product have a black face and
white segments.
4.
This product doesn't contain restriction
substance, comply ROHS standard.
Internal Circuit Diagram :
佰鴻工業股份有限公司
http://www.brtled.com


Podobny numer części - BD-F305RD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BRIGHT LED ELECTRONICS ...
BD-F302RD BRIGHT-BD-F302RD Datasheet
184Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-F304RD BRIGHT-BD-F304RD Datasheet
243Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate.
BD-F306RD BRIGHT-BD-F306RD Datasheet
206Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate.
More results

Podobny opis - BD-F305RD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BRIGHT LED ELECTRONICS ...
BA-10H1UD BRIGHT-BA-10H1UD Datasheet
191Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-C546RD BRIGHT-BD-C546RD Datasheet
184Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RE BRIGHT-BD-E285RE Datasheet
183Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A545RD BRIGHT-BD-A545RD Datasheet
180Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E285RD BRIGHT-BD-E285RD Datasheet
238Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E815RD BRIGHT-BD-E815RD Datasheet
178Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A405ND BRIGHT-BD-A405ND Datasheet
174Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E505RD BRIGHT-BD-E505RD Datasheet
179Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-A515RE BRIGHT-BD-A515RE Datasheet
201Kb / 3P
   bright red chips, which are made from GaP on GaP substrate.
BD-F405RD BRIGHT-BD-F405RD Datasheet
214Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com