Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA6940M Arkusz danych(PDF) 3 Page - Allegro MicroSystems

Numer części STA6940M
Szczegółowy opis  Brushed DC Motor Driver IC With PWM Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STA6940M Arkusz danych(HTML) 3 Page - Allegro MicroSystems

  STA6940M Datasheet HTML 1Page - Allegro MicroSystems STA6940M Datasheet HTML 2Page - Allegro MicroSystems STA6940M Datasheet HTML 3Page - Allegro MicroSystems STA6940M Datasheet HTML 4Page - Allegro MicroSystems STA6940M Datasheet HTML 5Page - Allegro MicroSystems STA6940M Datasheet HTML 6Page - Allegro MicroSystems STA6940M Datasheet HTML 7Page - Allegro MicroSystems STA6940M Datasheet HTML 8Page - Allegro MicroSystems STA6940M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Brushed DC Motor Driver IC With PWM Control
STA6940M
3
ELECTRICAL CHARACTERISTICS valid at TA = 25°C, VBB = 24 V, VDD = 5 V; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Main Supply Current
IBB
Operating
20
mA
Logic Supply Current
IDD
5
mA
Charge Pump Voltage
Vcp
VBB = 10 to 40 V
VBB + 5
V
Charge Pump Switching Frequency
fcp
360
kHz
Main Supply Undervoltage Protection*
VUVBL
–7
V
VUVBH
7.8
V
Logic Supply Undervoltage Protection*
VUVDL
2.3
V
VUVDH
2.5
V
Charge Pump Undervoltage Protection*
VUVCL
3.8
V
VUVCH
–4
V
MOSFET On Resistance
RDS(on)
ID = 4 A
0.1
0.13
Ω
MOSFET Body Diode Forward Voltage
VF
IF = 4 A
0.95
V
MOSFET Breakdown Voltage
VDSS
53
V
Logic Input Voltage
VIL
0.25 × VDD
V
VIH
0.75 × VDD
––
V
Logic Input Current
IIL
±1
μA
IIH
±1
μA
Maximum Input Frequency
fclk
Clock duty cycle = 50%
100
KHz
PWM_REF Pin Input Voltage
VPREF
PWM_REF terminal
0.1
1.0
V
PWM_REF Pin Input Current
IPREF
±10
μA
OCP_REF Pin Input Voltage
VOREF
OCP_REF terminal
0.1
2.0
V
OCP_REF Pin Input Current
IOREF
±10
μA
PWM Sensing Voltage
VPSEN
Sense1, Sense2 terminals
VPREF
0.045
VPREF
0.015
VPREF +
0.015
V
OCP Sensing Voltage
VOSEN
Sense1, Sense2 terminals
VOREF
0.045
VOREF
0.015
VOREF +
0.015
V
Sense1, Sense2 Pin Input Current
ISENSE
Sense1, Sense2 terminals
±20
μA
Diag Pin Output Voltage
VDIAGL
IDIAGL = 1.25 mA
1.25
V
VDIAGH
IDIAGH = –1.25 mA
VDD– 1.25
V
Diag Pin Output Current
IDIAGL
VDIAGL = 0.5 V
1.25
mA
IDIAGH
VDIAGH = VDD – 0.5 V
–1.25
mA
Diag Pin Output Frequency
fDIAG
During PWM off-time
90
kHz
PWM Minimum On-Time (Blanking Time)
ton(min)
–5
μs
PWM Off-Time
tPOFF
PWM operating
35
μs
OCP Minimum On-Time
tOON
OCP operating
5
μs
OCP Off-Time
tOOFF
OCP operating
142
μs
Crossover Current Delay Timing
tCOCD
150
750
ns
Switching Time
tcon
Measured from input to output on
3.0
μs
tcoff
Measured from input to output off
2.7
μs
Thermal Shutdown Activation
Temperature
Ttsdon
Package back side surface temperature after
case permeated with heat from operation
140
ºC
Thermal Shutdown Release
Temperature
Ttsdoff
115
ºC
*The outputs will be disabled if any of the three undervoltage protection circuits are operating.
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Podobny numer części - STA6940M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STA6968 SAMHOP-STA6968 Datasheet
118Kb / 6P
   S uper high dense cell design for low R DS (ON).
More results

Podobny opis - STA6940M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DRV8872 TI1-DRV8872_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver With Fault Reporting (PWM Control)
logo
Princeton Technology Co...
PT2470 PTC-PT2470 Datasheet
308Kb / 4P
   3.6-A Brushed DC Motor Driver (PWM Control)
logo
Texas Instruments
DRV8871 TI1-DRV8871_16 Datasheet
1Mb / 25P
[Old version datasheet]   Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
logo
Texas Instruments
DRV8870 TI-DRV8870_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8870 3.6-A Brushed DC Motor Driver (PWM Control)
logo
Diodes Incorporated
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
   BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
logo
Texas Instruments
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
[Old version datasheet]   3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
[Old version datasheet]   DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
   PWM Chopper Type DC Brushed Motor Driver
3.0
TB67H410FTG TOSHIBA-TB67H410FTG Datasheet
1Mb / 26P
   PWM Chopper-Type Brushed DC Motor driver
2015-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com