Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM55161A Arkusz danych(PDF) 11 Page - Austin Semiconductor

Numer części SM55161A
Szczegółowy opis  262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUSTIN [Austin Semiconductor]
Strona internetowa  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SM55161A Arkusz danych(HTML) 11 Page - Austin Semiconductor

Back Button SM55161A Datasheet HTML 7Page - Austin Semiconductor SM55161A Datasheet HTML 8Page - Austin Semiconductor SM55161A Datasheet HTML 9Page - Austin Semiconductor SM55161A Datasheet HTML 10Page - Austin Semiconductor SM55161A Datasheet HTML 11Page - Austin Semiconductor SM55161A Datasheet HTML 12Page - Austin Semiconductor SM55161A Datasheet HTML 13Page - Austin Semiconductor SM55161A Datasheet HTML 14Page - Austin Semiconductor SM55161A Datasheet HTML 15Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
VRAM
SM55161A
Production
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
11
SMJ55161A
Rev. 1.6
03/05
FIGURE 4: Example of a Byte-Read Cycle
byte operation
Byte operation can be applied in DRAM-read cycles, write
cycles, block-write cycles, load-write-mask-register cycles, and
load-color-register cycles. In byte operation, the column
address (A0–A8) is latched at the first falling edge of CASx\. In
read cycles, CASL\ enables the lower byte (DQ0–DQ7) and
CASU\ enables the upper byte (DQ8–DQ15) (see Figure 4).
In byte-write operation, CASL enables data to be written
to the lower byte (DQ0–DQ7), and CASU\ enables data to be
written to the upper byte (DQ8–DQ15). In an early write cycle,
WE is brought low prior to both CASx\ signals, and data setup
and hold times for DQ0 –DQ15 are referenced to the first falling
edge of CASx\ (see Figure 5).
For late-write or read-modify-write cycles, WE\ is brought
low after either or both CASL\ and CASU\ fall. The data is
strobed in with data setup and hold times for DQ0 –DQ15
referenced to WE\ (see Figure 6).


Podobny numer części - SM55161A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Mitus, Inc.
SM5516 SILICONMITUS-SM5516 Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
SM5516W SILICONMITUS-SM5516W Datasheet
738Kb / 2P
   Electrinically Marker IC for USB Type-C Cable
July 2021 Rev. 0.0.4
More results

Podobny opis - SM55161A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Elpida Memory
HM5316123B ELPIDA-HM5316123B Datasheet
521Kb / 50P
   131,072-word x 16-bit Multiport CMOS Video RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
NEC
UPD41256 NEC-UPD41256 Datasheet
722Kb / 17P
   262144 X 1-BIT DYNAMIC NMOS RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com