Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA36-1 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części CA36-1
Szczegółowy opis  Cascadable Amplifier 100 to 2300 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA36-1 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA36-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA36-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
100 to 2300 MHz
Rev. V4
A36-1 / SMA36-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
80-2400
100-2300
100-2300
Small Signal Gain (min)
dB
16.2
15.0
14.0
Gain Flatness (max)
dB
±0.2
±0.7
±1.2
Reverse Isolation
dB
29
Noise Figure (max)
dB
6.0
7.0
7.5
Power Output
@ 1 dB comp. (min)
dBm
12.0
11.0
10.5
IP3
dBm
+23
IP2
dBm
+33
Second Order Harmonic IP
dBm
+38
VSWR Input / Output (max)
1.6:1 / 1.6:1
2.0:1 / 2.0:1
2.2:1 / 2.2:1
DC Current @ 15 Volts (max)
mA
63
64
67
Features
• HIGH GAIN –TWO STAGES: 16.2 dB (TYP.)
• LOW VSWR: < 1.6:1 (TYP.)
• MEDIUM OUTPUT LEVEL +12 dBm (TYP.)
Description
The A36-1 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
Product Image
Ordering Information
Part Number
Package
A36-1
TO-8
SMA36-1
Surface Mount
CA36-1 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
150ºC/W
Transistor Power Dissipation Pd
0.371 W
Junction Temperature Rise
Above Case Tjc
+56ºC
* Over temperature performance limits for part number CA36-1 guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Podobny numer części - CA36-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
CA36-1 MACOM-CA36-1 Datasheet
384Kb / 2P
   Cascadable Amplifier 100 to 2300 MHz
More results

Podobny opis - CA36-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
A36-1 MACOM-A36-1_1 Datasheet
384Kb / 2P
   Cascadable Amplifier 100 to 2300 MHz
A36-1 MACOM-A36-1 Datasheet
113Kb / 1P
   100 TO 2300 MHz CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC2386 TELEDYNE-AC2386 Datasheet
131Kb / 1P
   1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
AC2366 TELEDYNE-AC2366 Datasheet
176Kb / 2P
   10 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
AC2356 TELEDYNE-AC2356 Datasheet
130Kb / 1P
   1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC2302 TELEDYNE-UTOUTC2302 Datasheet
179Kb / 6P
   Thin-Film Cascadable Amplifier 1700 to 2300 MHz
UTOUTC2303 TELEDYNE-UTOUTC2303 Datasheet
183Kb / 6P
   Thin-Film Cascadable Amplifier 1700 to 2300 MHz
UTOUTC2311 TELEDYNE-UTOUTC2311 Datasheet
179Kb / 6P
   Thin-Film Cascadable Amplifier 1700 to 2300 MHz
UTOUTC2321 TELEDYNE-UTOUTC2321 Datasheet
179Kb / 6P
   Thin-Film Cascadable Amplifier 1700 to 2300 MHz
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 3200 MHz
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com