Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM05-0005TR Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części AM05-0005TR
Szczegółowy opis  High Intercept Amplifier 15 - 100 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM05-0005TR Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM05-0005TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM05-0005TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM05-0005TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Intercept Amplifier
15 - 100 MHz
Rev. V3
AM05-0005
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Gain: 14.5 dB Nominal
IP3 of +40 dBm Typical
Land Grid Array (LGA) Package
Compression point of +25 dBm Typical
50 ohm impedance
Test boards are available
Tape and Reel Packaging Available
Description
M/A-COM’s AM05-0005 is a coupler feedback
amplifier with high intercept and compression points.
This device is in a ceramic land grid array package.
This package is designed for standard surface
mount pick and place. Due to the ceramic package
the thermal rise minimized. The ground plane on the
PC board should be configured to remove heat from
under the package. AM05-0005 is ideally suited for
use where a high intercept commercial amplifier is
required at a low cost.
LGA-1
Electrical Specifications:
TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
50 MHz
dB
14.0
14.5
15.0
Gain Flatness
15 - 100 MHz
dB
±0.2
±0.4
VSWR
15 - 100 MHz
Ratio
1.4:1
1.8:1
1 dB Compression
Output Power
15 - 100 MHz
dBm
23
27
Output IP2
Two-Tone inputs up to +10 dBm
15 - 100 MHz
dBm
55
65
Output IP3
Two-Tone inputs up to +10 dBm
15 - 100 MHz
dBm
37
46
Noise Figure
15 - 100 MHz
dB
2.7
5.0
Reverse Transmission
15 - 100 MHz
dB
-21
-19
+V
V
11.4
12.0
12.6
Ibias
1.1 W Typical
mA
88
120


Podobny numer części - AM05-0005TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM05-0005TR MACOM-AM05-0005TR Datasheet
241Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0005TR MACOM-AM05-0005TR Datasheet
289Kb / 3P
   High Intercept Amplifier, 15-100 MHz
More results

Podobny opis - AM05-0005TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM05-0006 MACOM-AM05-0006 Datasheet
242Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0005 MACOM-AM05-0005 Datasheet
241Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
AM05-0006 MACOM-AM05-0006_1 Datasheet
295Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0006 MA-COM-AM05-0006 Datasheet
95Kb / 3P
   High Intercept Amplifier, 15 - 100 MHz
logo
Tyco Electronics
AM05-0005 MACOM-AM05-0005_1 Datasheet
289Kb / 3P
   High Intercept Amplifier, 15-100 MHz
logo
Teledyne Technologies I...
TSA-213242 TELEDYNE-TSA-213242 Datasheet
172Kb / 2P
   100 TO 1500 MHz, 15 WATTS HIGH POWER GaN AMPLIFIER
logo
Tyco Electronics
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
   High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
   HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212_15 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com