Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5293 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD5293
Szczegółowy opis  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5293 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD5293 Datasheet HTML 4Page - Analog Devices AD5293 Datasheet HTML 5Page - Analog Devices AD5293 Datasheet HTML 6Page - Analog Devices AD5293 Datasheet HTML 7Page - Analog Devices AD5293 Datasheet HTML 8Page - Analog Devices AD5293 Datasheet HTML 9Page - Analog Devices AD5293 Datasheet HTML 10Page - Analog Devices AD5293 Datasheet HTML 11Page - Analog Devices AD5293 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5293
Rev. 0 | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RESET
VSS
A
W
RDY
SYNC
VLOGIC
SCLK
B
VDD
EXT_CAP
1
2
3
4
5
6
7
DIN
GND
14
13
12
11
10
9
8
AD5293
TOP VIEW
Not to Scale
SDO
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
RESET
Hardware Reset. Sets the RDAC register to midscale. RESET is activated at the logic high transition. Tie RESET to VLOGIC if
not used.
2
VSS
Negative Supply. Connect to 0 V for single-supply applications. This pin should be decoupled with 0.1 µF ceramic
capacitors and 10 µF capacitors.
3
A
Terminal A of RDAC. VSS ≤ VA ≤ VDD.
4
W
Wiper Terminal W of RDAC. VSS ≤ VW ≤ VDD.
5
B
Terminal B of RDAC. VSS ≤ VB ≤ VDD.
6
VDD
Positive Power Supply. This pin should be decoupled with 0.1 μF ceramic capacitors and 10 μF capacitors.
7
EXT_CAP
Connect a 1 μF capacitor to EXT_CAP. This capacitor must have a voltage rating of ≥7 V.
8
VLOGIC
Logic Power Supply, 2.7 V to 5.5 V. This pin should be decoupled with 0.1 μF ceramic capacitors and 10 μF capacitors.
9
GND
Ground, Logic Ground Reference.
10
DIN
Serial Data Input. This part has a 16-bit shift register. Data is clocked into the register on the falling edge of the serial
clock input.
11
SCLK
Serial Clock Input. Data is clocked into the shift register on the falling edge of the serial clock input. Data can be
transferred at rates of up to 50 MHz.
12
SYNC
Falling Edge Synchronization Signal. This is the frame synchronization signal for the input data. When SYNC goes low,
it enables the shift register, and data is transferred in on the falling edges of the following clocks. The selected register
is updated on the rising edge of SYNC, following the 16th clock cycle. If SYNC is taken high before the 16th clock cycle,
the rising edge of SYNC acts as an interrupt, and the write sequence is ignored by the DAC.
13
SDO
Serial Data Output. This open-drain output requires an external pull-up resistor. SDO can be used to clock data from
the serial register in daisy-chain mode or in readback mode.
14
RDY
Ready. This active-high, open-drain output identifies the completion of a write or read operation to or from the RDAC
register.


Podobny numer części - AD5293

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5293 AD-AD5293 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
938Kb / 24P
   Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
938Kb / 24P
   Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
More results

Podobny opis - AD5293

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
938Kb / 24P
   Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Rev. D
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com