Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM12914-1ARQZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM12914-1ARQZ
Szczegółowy opis  짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM12914-1ARQZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM12914-1ARQZ Datasheet HTML 3Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 4Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 5Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 6Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 7Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 8Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 9Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 10Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM12914
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0.505
0.503
0.504
0.501
0.502
0.499
0.500
0.497
0.498
0.495
0.496
–40 –25 –10
125
110
95
80
65
50
35
20
5
TEMPERATURE (°C)
Figure 4. Input Threshold Voltage vs. Temperature
90
50
TEMPERATURE (°C)
85
80
75
70
65
60
55
–40 –25 –10
125
110
95
80
65
50
35
20
5
VCC = 6V
VCC = 3.3V
VCC = 2.3V
Figure 5. Supply Current vs. Temperature
6.80
6.40
TEMPERATURE (°C)
6.75
6.70
6.65
6.60
6.55
6.50
6.45
200µA
1mA
2mA
5mA
10mA
–40 –25 –10
125
110
95
80
65
50
35
20
5
Figure 6. VCC Shunt Voltage vs. Temperature
6.80
6.40
02
4
6
8
1
ICC (mA)
0
6.75
6.70
6.65
6.60
6.55
6.50
6.45
+25°C
–40°C
+85°C
Figure 7. VCC Shunt Voltage vs. ICC
1.020
1.015
1.010
1.005
1.000
0.995
0.990
0.985
0.980
TEMPERATURE (°C)
–40 –25 –10
125
110
95
80
65
50
35
20
5
Figure 8. Buffered Reference Voltage vs. Temperature
1000
900
800
700
600
500
400
300
200
100
0
0.1
1
10
100
COMPARATOR OVERDRIVE (% OF VUOT)
VCC = 2.3V
VCC = 6V
RESET ASSERTED
ABOVE THE LINE
Figure 9. Transient Duration vs. Comparator Overdrive


Podobny numer części - ADM12914-1ARQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ AD-ADM1293-1AACPZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ-RL7 AD-ADM1293-1AACPZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ AD-ADM1293-1AARUZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ-RL7 AD-ADM1293-1AARUZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
More results

Podobny opis - ADM12914-1ARQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2914 AD-ADM2914 Datasheet
323Kb / 16P
   Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
logo
Linear Technology
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
EVAL-ADM1184 AD-EVAL-ADM1184 Datasheet
287Kb / 8P
   Evaluation Kit for ADM1184 짹0.8% Accurate Quad Voltage Monitor
REV. 0
LTC2962 AD-LTC2962 Datasheet
1Mb / 20P
   Accurate Quad Configurable Supervisor
logo
Linear Technology
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com