Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM12914-1ARQZ-RL7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADM12914-1ARQZ-RL7
Szczegółowy opis  짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM12914-1ARQZ-RL7 Arkusz danych(HTML) 3 Page - Analog Devices

  ADM12914-1ARQZ-RL7 Datasheet HTML 1Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 2Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 3Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 4Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 5Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 6Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 7Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 8Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM12914
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = −40°C to +125°C. Typical values at TA = 25°C, unless otherwise noted. VCC = 3.3 V, VLx = 0.45 V, VHx = 0.55 V, LATCH = VCC,
SEL = VCC, DIS = open, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SHUNT REGULATOR
VCC Shunt Regulator Voltage
VSHUNT
6.3
6.6
6.8
V
ICC = 5 mA
VCC Shunt Regulator Load Regulation
ΔVSHUNT
150
mV
ICC = 2 mA to 10 mA
SUPPLY
Supply Voltage1
VCC
2.3
VSHUNT
V
Minimum VCC Output Valid
VCCR(MIN)
0.9
V
DIS = 0 V
Supply Undervoltage Lockout
VCC(UVLO)
1.94
2
2.06
V
DIS = 0 V, VCC rising
Supply Undervoltage Lockout Hysteresis
ΔVCC(HYST)
15
25
35
mV
DIS = 0 V
Supply Current
ICC
62
100
μA
VCC = 2.3 V to 6.0 V
REFERENCE OUTPUT
Reference Output Voltage
VREF
0.994
1
1.008
V
IVREF = ±1 mA
UNDERVOLTAGE/OVERVOLTAGE CHARACTERISTICS
Undervoltage/Overvoltage Threshold
VUOT
496
500
504
mV
VCC = 2.3 V to 6.0 V
Undervoltage/Overvoltage Threshold to Output Delay
tUOD
100
200
350
μs
VHx = VUOT − 5 mV or VLx = VUOT + 5 mV
VHx, VLx Input Current
IVHL
±10
nA
UV/OV Timeout Period
tUOTO
7.5
8.5
10.5
ms
CTIMER = 1 nF
OV LATCH CLEAR INPUT
OV Latch Clear Threshold Input High
VLATCH(IH)
1.2
V
OV Latch Clear Threshold Input Low
VLATCH(IL)
0.8
V
LATCH Input Current
ILATCH
50
nA
VLATCH > 0.5 V
DISABLE INPUT
DIS Input High
VDIS(IH)
1.2
V
DIS Input Low
VDIS(IL)
0.8
V
DIS Input Current
IDIS
1.25
2
2.75
μA
VDIS > 0.5 V
TIMER CHARACTERISTICS
TIMER Pull-Up Current
ITIMER(UP)
−1.7
−2.1
−2.5
μA
VTIMER = 0 V
TIMER Pull-Down Current
ITIMER(DOWN)
1.7
2.1
2.5
μA
VTIMER = 1.6 V
TIMER Disable Voltage
VTIMER(DIS)
−180
−270
mV
Referenced to VCC
OUTPUT VOLTAGE
Output Voltage High UV/OV
VOH
1
V
VCC = 2.3 V; IUV/OV = −1 μA
Output Voltage Low UV/OV
VOL
0.1
0.3
V
VCC = 2.3 V; IUV/OV = 2.5 mA
0.01
0.15
V
VCC = 0.9 V; IUV = 100 μA
THREE-STATE INPUT SEL
Low Level Input Voltage
VIL
0.4
V
High Level Input Voltage
VIH
1.4
V
Pin Voltage when Left in High-Z State
VZ
0.8
0.9
1.0
V
ISEL = ±10 μA
SEL High, Low Input Current
ISEL
±25
μA
Maximum SEL Input Current
ISEL(MAX)
±30
μA
SEL tied to VCC or GND
1 The maximum voltage on the VCC pin is limited by the input current. The VCC pin has an internal 6.5 V shunt regulator and, therefore, a low impedance supply
exceeding 6 V may exceed the maximum allowable input current. When operating from a higher supply than 6 V, always use a dropping resistor.


Podobny numer części - ADM12914-1ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ AD-ADM1293-1AACPZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ-RL7 AD-ADM1293-1AACPZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ AD-ADM1293-1AARUZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ-RL7 AD-ADM1293-1AARUZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
More results

Podobny opis - ADM12914-1ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2914 AD-ADM2914 Datasheet
323Kb / 16P
   Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
logo
Linear Technology
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
EVAL-ADM1184 AD-EVAL-ADM1184 Datasheet
287Kb / 8P
   Evaluation Kit for ADM1184 짹0.8% Accurate Quad Voltage Monitor
REV. 0
LTC2962 AD-LTC2962 Datasheet
1Mb / 20P
   Accurate Quad Configurable Supervisor
logo
Linear Technology
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com