Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7520 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADV7520
Szczegółowy opis  Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7520 Arkusz danych(HTML) 5 Page - Analog Devices

  ADV7520 Datasheet HTML 1Page - Analog Devices ADV7520 Datasheet HTML 2Page - Analog Devices ADV7520 Datasheet HTML 3Page - Analog Devices ADV7520 Datasheet HTML 4Page - Analog Devices ADV7520 Datasheet HTML 5Page - Analog Devices ADV7520 Datasheet HTML 6Page - Analog Devices ADV7520 Datasheet HTML 7Page - Analog Devices ADV7520 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADV7520
Rev. 0 | Page 5 of 8
TERMINOLOGY
480i, 480p, 576i, 576p, 720p, 1080i, 1080p
Common video modes—refer to EIA/CEA-861-D for more
information.
VGA, SVGA, XGA, SXGA, UXGA
Common graphics modes—refer to www.VESA.org for more
information.
CEC
Consumer electronics control is used to unify remotes of
differing make to perform a given task with one-button touch.
DDC
Display data channel is used to communicate between to the
source and sink to determine sink capabilities. It is also used as
the HDCP key communications channel.
DDR
Double data rate clocks capture data on both the rising and
falling edge of the clock.
EDID
Extended display identification is used to store monitor (sink)
capabilities in an EEPROM.
HBR
High bit rate audio is used to define sample rates greater
than 192 kB.
HDCP
High bandwidth digital content protection is a method of
protecting content from unauthorized digital copying.
HDMI
High-Definition Multimedia Interface is composed of three
TMDS differential data channels and one differential clock
channel. It is defined to include video streams up to 3.7 Gbps
as well as audio.
I2C
Inter-IC Communications is a Philips two-wire serial bus for
low speed (up to 400 kHz) data.
I2S
Inter-IC Sound is a serial Philips bus designed specifically
for audio.
LPCM
Linear pulse code modulation is a method of encoding audio
samples.
RGB
Red, green, blue is the standard definition for three-color
graphics and video.
TMDS
Transition minimized differential signaling is the format used
by the three data channels in HDMI. This encodes eight bits
into 10 bits and serializes them.
x.v.Color
This is feature of HDMI v.1.3 in which the color gamut can be
extended or altered beyond the normal range to accommodate a
given sink.
YCrCb
T
his is a common color format for video where the Y component
is luminance and the Cr and Cb signals are color difference
signals. 4:4:4 defines a Y, Cr, and Cb for each pixel; 4:2:2 defines
a Y for each pixel and a sharing of Cr and Cb between two
sequential pixels. In this manner, compression of 33% is possible.


Podobny numer części - ADV7520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK AD-ADV7520NK Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7520NK/PCBZ AD-ADV7520NK/PCBZ Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7520NKBBCZ-80 AD-ADV7520NKBBCZ-80 Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
More results

Podobny opis - ADV7520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7520NK AD-ADV7520NK_08 Datasheet
268Kb / 8P
   Low Power HDMI/DVI Transmitter with Consumer Electronic Control (CEC)
REV. 0
ADV7524A AD-ADV7524A Datasheet
71Kb / 2P
   Low Power HDMI Transmitter with Consumer Electronic Control (CEC)
ADV7525 AD-ADV7525 Datasheet
79Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7526 AD-ADV7526 Datasheet
63Kb / 2P
   Low Power HDMI/DVI Transmitter
Rev. Sp0
ADV7520NK AD-ADV7520NK Datasheet
111Kb / 5P
   Low-Power HDMI/DVI Transmitter
Rev. PrA
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
AD9387NK AD-AD9387NK_15 Datasheet
175Kb / 8P
   High Performance, Low Power HDMI/DVI Transmitter
REV. 0
AD9387NK AD-AD9387NK Datasheet
284Kb / 12P
   High Performance, Low Power HDMI??DVI Transmitter
Rev. PrA
logo
Shenzhen Guan Hua Wei Y...
WSF12N10G WIINSOK-WSF12N10G Datasheet
934Kb / 5P
   Consumer electronic power supply Motor control
logo
Analog Devices
AD9389A AD-AD9389A Datasheet
258Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com