Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M4T Arkusz danych(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Numer części M4T
Szczegółowy opis  Load Insensitive Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M4T Arkusz danych(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M4T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M4T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M4T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Load Insensitive Mixer
Rev. V3
M4T
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Operating Temperature
-54ºC to +100ºC
Storage Temperature
-65ºC to +100ºC
Peak Input Power
+27 dBm max @ +25ºC
+17 dBm max @ +100ºC
Peak Input Current
50 mA DC
Outline Drawing: Flatpack
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Weight: 1 gram (0.04 oz.) max.


Podobny numer części - M4T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
M4T MACOM-M4T Datasheet
230Kb / 3P
   Load Insensitive Mixer
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
497Kb / 26P
   5 V, 256 Kbit (32 Kb x 8) TIMEKEEPER짰 SRAM
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
More results

Podobny opis - M4T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
SM4T MA-COM-SM4T Datasheet
158Kb / 3P
   Load Insensitive Mixer
logo
Tyco Electronics
M4TH MACOM-M4TH Datasheet
290Kb / 3P
   Load Insensitive Mixer
logo
M/A-COM Technology Solu...
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
   Load Insensitive Mixer
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
   Load Insensitive Mixer
SM4TH MA-COM-SM4TH_15 Datasheet
472Kb / 3P
   Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
   Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
   Load Insensitive Mixer
logo
Tyco Electronics
M8TH MACOM-M8TH Datasheet
329Kb / 3P
   Load Insensitive Mixer
M4T MACOM-M4T Datasheet
230Kb / 3P
   Load Insensitive Mixer
M8T MACOM-M8T Datasheet
327Kb / 3P
   Load Insensitive Mixer
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com