Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA1021 Arkusz danych(PDF) 3 Page - Silan Microelectronics Joint-stock

Numer części SA1021
Szczegółowy opis  FM RADIO RECEIVER FOR PORTABLE SYSTEM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILAN [Silan Microelectronics Joint-stock]
Strona internetowa  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1021 Arkusz danych(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA1021 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1021 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SA1021
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.07.31
Http: www.silan.com.cn
Page 3 of 7
(continued)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
AM Suppression of Output Voltage
AMS
Ratio of AM signal
(fm=1kHz; m=80% ) to FM
signal (fm=1kHz;
∆f=±75kHz)
--
50
--
dB
Ripple Rejection
RR
∆Vp=100mV, f=1kHz
--
30
--
dB
Oscillator Voltage (r.m.s. value)
V5-4(rms) --
--
250
--
mV
Variation of Oscillator Frequency
with Temperature
∆fosc/∆Tamb Vp= 1V
--
5
--
KHz/
°C
S+300
--
46
--
dB
Selectivity
S-300
see Fig.9
no modualtion
--
30
--
dB
AFC Range
±∆frf
--
--
160
--
kHz
Mute Range
±∆frf
--
--
120
--
kHz
Audio Bandwidth
B
∆Vo=3dB,measured with
50
µs pre-emphasis
--
10
--
kHz
AF Output Voltge(r.m.s. value)
Vo(rms)
RL(pin 14)=100
--
90
--
mV
Max.d.c. load
Io(dc)
--
-100
--
+100
µA
AF Output
Max.a.c. load (peak
value)
Io(ac)
THD=10%
--
3
--
mA
Fig.2 Supply current as a function of the supply
voltage
Fig.3 Field strength voltage (V9-3) at Rsource=1k
Ω;
f=96.75MHz;Vp=3V
Fig.4 Mono operation: AF output voltage (Vo) and total
harmonic distortion (THD) as functions of input e.m.f.
(EMF); Rsource=75
Ω; frf=96MHz; 0dB=90mV. For S+N and
noise curves (1) is with muting enabled and (2) is with
muting disabled; signal
∆f=±22.5kHz and fm=1kHz.
For THD curve,
∆f=±75kHz and fm=1kHz.


Podobny numer części - SA1021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SA102 ETC2-SA102 Datasheet
138Kb / 3P
   Universal Programmers
logo
Cyntec Co., Ltd.
SA10200542 CYNTEC-SA10200542 Datasheet
1Mb / 7P
   SA10200542, The Platinum Resistance temperature sensor (PT-RTD)
SA10201521 CYNTEC-SA10201521 Datasheet
1Mb / 7P
   SA10201521, The Platinum Resistance temperature sensor (PT-RTD)
SA10260539 CYNTEC-SA10260539 Datasheet
1Mb / 7P
   SA10260539, The Platinum Resistance temperature sensor (PT-RTD)
logo
AVX Corporation
SA102A100JAR AVX-SA102A100JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Podobny opis - SA1021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
   FM/AM Radio Receiver System
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
   FM FRONT END FOR PORTABLE RADIO
logo
Silan Microelectronics ...
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
   Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon Laboratories
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com