Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD6770A Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDD6770A
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET 25 V, 4.0 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6770A Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDD6770A Datasheet HTML 1Page - Fairchild Semiconductor FDD6770A Datasheet HTML 2Page - Fairchild Semiconductor FDD6770A Datasheet HTML 3Page - Fairchild Semiconductor FDD6770A Datasheet HTML 4Page - Fairchild Semiconductor FDD6770A Datasheet HTML 5Page - Fairchild Semiconductor FDD6770A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
©2009 Fairchild Semiconductor Corporation
FDD6770A Rev.C
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 µA, VGS = 0 V
25
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, referenced to 25 °C
16
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 20 V, VGS = 0 V
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 µA
1.0
1.7
3.0
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 µA, referenced to 25 °C
-6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 24 A
2.9
4.0
m
VGS = 4.5 V, ID = 18.4 A
5.9
8.0
VGS = 10 V, ID = 24 A, TJ = 150 °C
4.4
6.1
gFS
Forward Transconductance
VDS = 5 V, ID = 24 A
148
S
Ciss
Input Capacitance
VDS = 13 V, VGS = 0 V,
f = 1 MHz
1805
2405
pF
Coss
Output Capacitance
392
525
pF
Crss
Reverse Transfer Capacitance
354
535
pF
Rg
Gate Resistance
1.2
td(on)
Turn-On Delay Time
VDD = 13 V, ID = 24 A,
VGS = 10 V, RGEN = 6 Ω
918
ns
tr
Rise Time
714
ns
td(off)
Turn-Off Delay Time
24
44
ns
tf
Fall Time
510
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 13 V,
ID = 24 A
33
47
nC
Qg
Total Gate Charge
VGS = 0 V to 5 V
18
26
nC
Qgs
Gate to Source Charge
4.8
nC
Qgd
Gate to Drain “Miller” Charge
7.4
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 3.1 A
(Note 2)
0.7
1.2
V
VGS = 0 V, IS = 24 A
(Note 2)
0.8
1.3
trr
Reverse Recovery Time
IF = 24 A, di/dt = 100 A/µs
16
28
ns
Qrr
Reverse Recovery Charge
4
10
nC
40 °C/W when mounted on a
1 in2 pad of 2 oz copper
96 °C/W when mounted on
a minimum pad
a)
b)
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user’s board design.
2: Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3: EAS of 50 mJ is based on starting TJ = 25 °C, L = 1 mH, IAS = 10 A, VDD = 23 V, VGS = 10 V. 100% test at L = 0.1 mH, IAS = 24 A.


Podobny numer części - FDD6770A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD6770A ISC-FDD6770A Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FDD6770A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD6778A FAIRCHILD-FDD6778A Datasheet
319Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 14.0 m廓
FDD6780A FAIRCHILD-FDD6780A Datasheet
336Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 8.6 m廓
FDD6776A FAIRCHILD-FDD6776A Datasheet
337Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 7.5 m廓
FDD6796A FAIRCHILD-FDD6796A Datasheet
325Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 5.7 m廓
FDD6760A FAIRCHILD-FDD6760A Datasheet
329Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 3.2 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS7670 FAIRCHILD-FDMS7670_12 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 3.8 m廓
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com