Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDG6332C_F085 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDG6332C_F085
Szczegółowy opis  20V N & P-Channel PowerTrench짰MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6332C_F085 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDG6332C_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2009 Fairchild Semiconductor Corporation
FDG6332C_F085 Rev C2 (W)
FDG6332C_F085
20V N & P-Channel PowerTrench
®
® MOSFETs
Features
• Q1 0.7 A, 20V.
RDS(ON) = 300 m
Ω @ V
GS = 4.5 V
RDS(ON) = 400 m
Ω @ V
GS = 2.5 V
• Q2 –0.6 A, –20V.
RDS(ON) = 420 m
Ω @ V
GS = –4.5 V
RDS(ON) = 630 m
Ω @ V
GS = –2.5 V
• Low gate charge
• High performance trench technology for extremely
low RDS(ON)
• SC70-6 package: small footprint (51% smaller than
SSOT-6); low profile (1mm thick)
S
G
D
D
G
S
Pin 1
SC70-6
Complementary
6
5
4
3
2
1
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Q1
Q2
Units
VDSS
Drain-Source Voltage
20
–20
V
VGSS
Gate-Source Voltage
±12
±12
V
ID
Drain Current
– Continuous
(Note 1)
0.7
–0.6
A
– Pulsed
2.1
–2
PD
Power Dissipation for Single Operation
(Note 1)
0.3
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1)
415
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
.32
FDG6332C_F085
7’’
8mm
3000 units
March 2009
• Qualified to AEC Q101
• RoHS Compliant
General Description
The N & P-Channel MOSFETs are produced using
Fairchild Semiconductor’s advanced PowerTrench
process that has been especially tailored to minimize
on-state
resistance
and
yet
maintain
superior
switching performance.
These
devices
have
been
designed
to
offer
exceptional power dissipation in a very small footprint
for applications where the bigger more expensive
TSSOP-8 and SSOP-6 packages are impractical.
Applications
• DC/DC converter
• Load switch
• LCD display inverter


Podobny numer części - FDG6332C_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
More results

Podobny opis - FDG6332C_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Will Semiconductor Ltd.
WCM2007 WILLSEMI-WCM2007 Datasheet
3Mb / 11P
   N- and P-Channel, 20V, MOSFET
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
   20V N P Dual Channel MOSFETs
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4622 AOSMD-AO4622_10 Datasheet
257Kb / 9P
   20V Dual P N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
   20V NP Dual Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com