Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN210ACMLX Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FIN210ACMLX
Szczegółowy opis  10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN210ACMLX Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN210ACMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN210AC • Rev. 1.0.1
7
Application Diagrams
The following application diagrams illustrate the most typical applications for the FIN210 device. Specific configurations of the
control pins may vary based on the needs of a given system. The following recommendations are valid for all of the
applications shown.
CKREF
STROBE
CKP
DP[8:1]
DP[9]
DP[10]
DIRI
PLL1
PLL0
CTL_ADJ
S1
S0
CKSO+
CKSO-
DSO+
DSO-
CKSI-
CKSI+
/DIRO
VDDP
VDDS/A
Baseband
Processor
GND
VDDP1
VDDP1
FIN210AC
Serializer
PIXEL CLK
Data[7:0]
HSYNC
VSYNC
/RES
CKP
CKREF
STROBE
DP[8:1]
DP[9]
DP[10]
XTRM
DIRI
PWS1
PWS0
S1
S0
CKSI+
CKSI-
DSI+
DSI-
CKSO-
CKSO+
/DIRO
VDDS/A
VDDP
GND
VDDP2
VDD
LCD MODULE
PIXEL CLK
Data[7:0]
HSYNC
VSYNC
/RES
A6
B5
C1
B3:E1
E2
F1
F6
G3
G4
A4
G5
G6
NC
C5
C6
D6
D5
E6
E5
B6
E5
E6
D5
D6
C6
C5
B6
NC NC
NC
NC
NC
NC
A3
F6
G3
G4
G5
G6
C1
A6
B5
D3
E4
F4
E4
F4
D3
FIN210AC
Deserializer
B3:E1
E2
F1
/ENZ
A4
Figure 4. 8-Bit RGB Application (Example Shows BGA 42-Pin Package)
Serializer Configuration:
10MHz to 30MHz Frequency Range (S1=S0=1)
Normal Mode (PLL1=0; PLL0=1)
Deserializer Configuration:
~4 – 5ns output edge rates (S1=S0=1)
~50% CKP PW,(PWS1=PWS0=0)
CKREF
STROBE
CKP
DP[8:1]
DP[9]
DP[10]
DIRI
PWS1
PWS0
XTRM
S1
S0
CKSO+
CKSO-
DSI+
DSI-
CKSI-
CKSI+
/DIRO
VDDP
VDDS/A
Baseban d
Processor
GND
VDDP1
FIN210AC
Dese rializer
MASTER CLK
PIXEL CLK
YUV[7:0]
HSYNC
VSYNC
/RES
CKP
CKREF
STROBE
DP[8:1]
DP[9]
DP[10]
DIRI
PLL1
PLL0
CTL_ADJ
S1
S0
CKSI+
CKSI-
DSO+
DSO-
CKSO-
CKSO+
/DIRO
VDDS/A
VDDP
GND
VDDP2
VDD
Camera Module
MASTER CLK
PIXEL CLK
YUV[7:0]
HSYNC
VSYNC
/RES
A6
B5
C1
F6
G3
G4
A3
G5
G6
C5
C6
D5
D6
E6
E5
B6
E5
E6
D6
D5
C6
C5
B6
NC
NC
F6
G3
G4
A4
G5
G6
C1
A6
B5
D3
E4
F4
E4
F4
D3
FIN210AC
Serializer
VDDP2
B3:E1
E2
F1
B3:E1
E2
F1
/ENZ
A4
Figure 5. 8-Bit YUV 1.3MPixel CMOS Imager (Example Shows BGA 42-Pin Package)
Deserializer Configuration:
~2 – 3ns output edge rates (S1=0, S0=1)
~50% CKP PW,(PWS1=PWS0=0)
Serializer Configuration:
18MHz to 48MHz Frequency Range (S1=0, S0=1)
Normal Mode (PLL1=0, PLL0=1)


Podobny numer części - FIN210ACMLX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Podobny opis - FIN210ACMLX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Fairchild Semiconductor
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com