Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSB50550U Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FSB50550U
Szczegółowy opis  Smart Power Module (SPM짰)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50550U Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FSB50550U Datasheet HTML 1Page - Fairchild Semiconductor FSB50550U Datasheet HTML 2Page - Fairchild Semiconductor FSB50550U Datasheet HTML 3Page - Fairchild Semiconductor FSB50550U Datasheet HTML 4Page - Fairchild Semiconductor FSB50550U Datasheet HTML 5Page - Fairchild Semiconductor FSB50550U Datasheet HTML 6Page - Fairchild Semiconductor FSB50550U Datasheet HTML 7Page - Fairchild Semiconductor FSB50550U Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FSB50550U Rev. A
Electrical Characteristics (T
J = 25°C, VCC=VBS=15V Unless Otherwise Specified)
Inverter Part (Each FRFET Unless Otherwise Specified)
Control Part (Each HVIC Unless Otherwise Specified)
Note:
1. For the measurement point of case temperature TC, please refer to Figure 3 in page 4.
2. BVDSS is the absolute maximum voltage rating between drain and source terminal of each FRFET inside SPM
®. V
PN should be sufficiently less than this value considering the
effect of the stray inductance so that VDS should not exceed BVDSS in any case.
3. tON and tOFF include the propagation delay time of the internal drive IC. Listed values are measured at the laboratory test condition, and they can be different according to the
field applcations due to the effect of different printed circuit boards and wirings. Please see Figure 4 for the switching time definition with the switching test circuit of Figure 5.
4. The peak current and voltage of each FRFET during the switching operation should be included in the safe operating area (SOA). Please see Figure 5 for the RBSOA test cir-
cuit that is same as the switching test circuit.
Package Marking & Ordering Information
Symbol
Parameter
Conditions
Min
Typ Max
Units
BVDSS
Drain-Source Breakdown
Voltage
VIN= 0V, ID = 250μA (Note 2)
500
-
-
V
ΔBV
DSS/
ΔT
J
Breakdown Voltage Tem-
perature Coefficient
ID = 250μA, Referenced to 25°C
-
0.53
-
V
IDSS
Zero Gate Voltage
Drain Current
VIN= 0V, VDS = 500V
-
-
250
μA
RDS(on)
Static Drain-Source
On-Resistance
VCC = VBS = 15V, VIN = 5V, ID = 1.2A
-
1.0
1.4
Ω
VSD
Drain-Source Diode
Forward Voltage
VCC = VBS = 15V, VIN = 0V, ID = -1.2A
-
-
1.2
V
tON
Switching Times
VPN = 300V, VCC = VBS = 15V, ID = 1.2A
VIN = 0V ↔ 5V
Inductive load L=3mH
High- and low-side FRFET switching
(Note 3)
-
600
-
ns
tOFF
-
500
-
ns
trr
-
100
-
ns
EON
-
60
-
μJ
EOFF
-
10
-
μJ
RBSOA
Reverse-bias Safe Oper-
ating Area
VPN = 400V, VCC = VBS = 15V, ID = IDP, VDS=BVDSS,
TJ = 150°C
High- and low-side FRFET switching (Note 4)
Full Square
Symbol
Parameter
Conditions
Min
Typ Max
Units
IQCC
Quiescent VCC Current
VCC=15V, VIN=0V Applied between VCC and COM
-
-
160
μA
IQBS
Quiescent VBS Current
VBS=15V, VIN=0V
Applied between VB(U)-U,
VB(V)-V, VB(W)-W
-
-
100
μA
UVCCD
Low-side Undervoltage
Protection (Figure 6)
VCC Undervoltage Protection Detection Level
7.4
8.0
9.4
V
UVCCR
VCC Undervoltage Protection Reset Level
8.0
8.9
9.8
V
UVBSD
High-side Undervoltage
Protection (Figure 7)
VBS Undervoltage Protection Detection Level
7.4
8.0
9.4
V
UVBSR
VBS Undervoltage Protection Reset Level
8.0
8.9
9.8
V
VIH
ON Threshold Voltage
Logic High Level
Applied between IN and COM
3.0
-
-
V
VIL
OFF Threshold Voltage
Logic Low Level
-
-
0.8
V
IIH
Input Bias Current
VIN = 5V
Applied between IN and COM
-
10
20
μA
IIL
VIN = 0V
-
-
2
μA
Device Marking
Device
Package
Reel Size
Packing Type
Quantity
FSB50550U
FSB50550U
SPM23-AD
_
_
15


Podobny numer części - FSB50550U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50550UTD FAIRCHILD-FSB50550UTD Datasheet
898Kb / 9P
   Smart Power Module (SPM짰)
More results

Podobny opis - FSB50550U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com