Zakładka z wyszukiwarką danych komponentów |
|
FSBH0170A Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
FSBH0170A Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 16 page © 2009 Fairchild Semiconductor Corporation www.fairchildsemi.com FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.1 2 Ordering Information Part Number Sense FET Operating Temperature Range VIN Pin (PIN #4) Eco Status Package Packing Method FSBH0F70ANY 0.5A 700V -40°C to +105°C FSBH0170ANY 1.0A 700V -40°C to +105°C FSBH0270ANY 2.0A 700V -40°C to +105°C Not Available FSBH0170NY 1.0A 700V -40°C to +105°C FSBH0270NY 2.0A 700V -40°C to +105°C FSBH0370NY 3.0A 700V -40°C to +105°C Enabled Green 8-Pin Dual In-Line Package (DIP) Tube For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html . Application Diagram HV Drain GND VDD FB VIN Figure 1. Typical Flyback Application Output Power Table (1) 230VAC ± 15% (2) 85-265VAC Product Adapter (3) Open Frame (4) Adapter (3) Open Frame (4) FSBH0F70A 7W 10W 6W 8W FSBH0170/A 10W 15W 9W 13W FSBH0270/A 14W 20W 11W 16W FSBH0370 17.5W 25W 13W 19W Notes: 1. The maximum output power can be limited by junction temperature. 2. 230 VAC or 100/115 VAC with doublers. 3. Typical continuous power in a non-ventilated enclosed adapter with sufficient drain pattern as a heat sink at 50 °C ambient. 4. Maximum practical continuous power in an open-frame design with sufficient drain pattern as a heat sink at 50 °C ambient. |
Podobny numer części - FSBH0170A |
|
Podobny opis - FSBH0170A |