Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM59128 Arkusz danych(PDF) 8 Page - SyncMOS Technologies,Inc

Numer części SM59128
Szczegółowy opis  8-Bits Micro-controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59128 Arkusz danych(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM59128 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59128 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SyncMOS Technologies International, Inc.
SM59128
8-Bits Micro-controller
Embedded 128KB flash & 1KB RAM & IIC & SPWM
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M027Ver: B SM59128
06/2009
8
C5H
IICRxD
00H
IICRxD7
IICRxD6
IICRxD5
IICRxD4
IICRxD3
IICRxD2
IICRxD1
IICRxD0
A9H
IE1
00
EIIC
AAH
IFR
00
IICF
BAH
IP1
00
PIIC
C8H
T2CON
00H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
C9H
T2MOD
******00
*
*
*
*
*
*
T2OE
DCEN
D8H
P4
****1111
P4.3
P4.2
P4.1
P4.0
F4H
ISPFAH
00H
FA15
FA14
FA13
FA12
FA11
FA10
FA9
FA8
F5H
ISPFAL
00H
FA7
FA6
FA5
FA4
FA3
FA2
FA1
FA0
F6H
ISPFD
00H
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
F7H
ISPC
0*0***00
START
FAU0
F1
F0
Extension Function Description
1. Memory Structure
The SM59128 has the general 8052 hardware core integration of expanded 768 bytes data RAM and 128K bytes flash.
The 128K bytes on-chip flash is divided in two 64K bytes program memory space.
1.1 Program Memory
The SM59128 has two 64K bytes on-chip flash memory space as general program memory denoted by bank0 and
bank1. Both bank0 and bank1 have up to 4K bytes specific ISP service program memory space. The address range of
the 128K bytes is from $0000H to $1FFFFH, the total available ISP service program space is from $F000H to $FFFFH
in bank0 and $1F000H to $1FFFFH in bank1. The ISP service program size can be partitioned to N blocks of 512 bytes
(N=0 to 8). When N=0 means no ISP service program space is available, total 128K bytes flash memory space is for
main program. When N=1 means memory address $FE00H to $FFFFH and $1FE00H to $1FFFFH are reserved for
ISP service program. When N=2 means memory address $FC00H to $FFFFH and $1FC00H to $1FFFFH are reserved
for ISP service program...etc. User is able to select and program the number of N by writer.
The feature of FLASH memory is shown as following:
READ:
byte-wise
WRITE:
byte-wise within 30us (previously erased by a chip erase).
ERASE:
Full Erase (64K bytes) within 2 sec.
Erased bytes contain FFH
Endurance :
100K erase and write cycles each byte at TA=25℃
Retention :
10 years
1.1.1 Program Code Security
MOVC instruction executed from external program memory space will not be able to fetch internal codes from on-chip
program memory space when the chip is protected.


Podobny numer części - SM59128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
   compression and non compression type anti-shock memory controller with built-in 1M DRAM
SM5902 NPC-SM5902 Datasheet
312Kb / 40P
   compression and non compression type shock-proof memory controller
SM5902AF NPC-SM5902AF Datasheet
312Kb / 40P
   compression and non compression type shock-proof memory controller
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
   Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
   compression and non compression type shock-proof memory controller
More results

Podobny opis - SM59128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
   8-Bits Micro-controller
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
   8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com