Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM59364 Arkusz danych(PDF) 10 Page - SyncMOS Technologies,Inc

Numer części SM59364
Szczegółowy opis  8-Bits Micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59364 Arkusz danych(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM59364 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59364 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SyncMOS Technologies International, Inc.
SM59364
8-Bits Micro-controller
64KB ISP flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
IDMMX-0033
Ver B SM59364 04/2008
10
page erase function will erase from $XY00 to $X(Y+1)FF (Y:even number), or
page erase function will erase from $X(Y-1) 00 to $XYFF (Y:odd number)
To perform the chip erase ISP function, SM59364 will erase all the flash program memory except the ISP service
program space, also, SM59364 will un-protect the flash memory automatically. To perform chip protect ISP function,
the SM59364 flash memory content will be read #00H.
e.g. ISP service program to do the byte program - to program #22H to the address $1005H
MOV SCONF,#04H
; enable SM59364 ISP function
MOV ISPFAH,#10H
; set flash address-high, 10H
MOV ISPFAL,#05H
; set flash address-low, 05H
MOV ISPFD,#22H
; set flash data to be programmed, data = 22H
MOV ISPC,#80H
; start to program #22H to the flash address $1005H
; after byte program finished, START bit of ISPC will be reset to 0 automatically
; program counter then point to the next instruction
ISP Registers - System Control Register (SCONF,$BF)
bit-7
bit-0
WDR
Unused
Unused
Unused
Unused
ISPE
OME
ALEI
Read / Write:
R/W
-
-
-
-
R/W
R/W
R/W
Reset value:
0
*
*
*
*
0
1
0
The bit 2 (ISPE) of SCONF is ISP enable bit. User can enable overall SM59364 ISP function by setting ISPE bit to 1, to
disable overall ISP function by set ISPE to 0.
The function of ISPE behaves like a security key. User can disable overall ISP function to prevent software program be
erased accidentally.
3. Watch Dog Timer
The Watch Dog Timer (WDT) is a 16-bit free-running counter that generate reset signal if the counter overflows. The
WDT is useful for systems which are susceptible to noise, power glitches, or electronics discharge which causing
software dead loop or runaway. The WDT function can help user software recover form abnormal software condition.
The WDT is different from Timer0, Timer1 and Timer2 of general 8052. To prevent a WDT reset can be done by
software periodically clearing the WDT counter. User should check WDR bit of SCONF register whenever un-predicted
reset happened
The WDT has selectable divider input for the time base source clock. To select the divider input, the setting of bit2~bit0
(PS2~PS0) of Watch Dog Timer Control Register (WDTC) should be set accordingly.
To enable the WDT is done by setting 1 to the bit 7 (WDTE) of WDTC. After WDTE set to 1, the 16-bit counter starts to
count with the selected time base source clock which set by PS2~PS0. It will generate a reset signal when overflows.
The WDTE bit will be cleared to 0 automatically when SM59364 been reset, either hardware reset or WDT reset.
To reset the WDT is done by setting 1 to the CLEAR bit of WDTC. This will clear the content of the 16-bit counter and
let the counter re-start to count from the beginning.


Podobny numer części - SM59364

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DACO SEMICONDUCTOR CO.,...
SM5936 DACO-SM5936 Datasheet
962Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
More results

Podobny opis - SM59364

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM59D03G2 SYNCMOS-SM59D03G2 Datasheet
986Kb / 67P
   8-Bits Micro-controller
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com