Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1076 Arkusz danych(PDF) 1 Page - Transcom, Inc.

Numer części TC1076
Szczegółowy opis  9.2 - 10.2 GHz 39 dBm MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1076 Arkusz danych(HTML) 1 Page - Transcom, Inc.

  TC1076 Datasheet HTML 1Page - Transcom, Inc. TC1076 Datasheet HTML 2Page - Transcom, Inc. TC1076 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TC1076
PRE3_20050527
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 3
Preliminary
9.2 – 10.2 GHz 39 dBm MMIC
FEATURES
! P2 dB: 39 dBm
! Small Signal Gain: 16 dB
! Bias Condition: 2500 mA @ 9V
DESCRIPTION
The TC1076 is a two stages PHEMT high power amplifier MMIC that operates from 9.2 to 10.2 GHz. The
amplifier provides a typical of 16 dB Gain and delivers 38 dBm of P2dB. The MMIC is fabricated using
Transcom’s proprietary matured GaAs PHEMT process. The process features full passivation for increased
performance and reliability. All devices are 100 % DC tested to assure consistent quality. Bond pads are gold
plated for thermocompression wire bonding. Backside gold plating is compatible with standard AuSn die-attach.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
Conditions
MIN
TYP
MAX
UNIT
FREQ
Frequency Range
9.2
10.2
GHz
SSG
Small Signal Gain
16
dB
P2 dB
Output Power at 2 dB Gain Compression
38
39
dBm
VSWR, IN
Input VSWR
2.5:1
-
VDD
Supply Voltage
9
Volt
Vg
Gate Voltage
-0.8
Volt
IDD
Bias Current
2500
mA
ηηηη
a
Power Added Efficiency
28
%


Podobny numer części - TC1076

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TelCom Semiconductor, I...
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
logo
Microchip Technology
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC1070 MICROCHIP-TC1070 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
logo
TelCom Semiconductor, I...
TC1070VCT TELCOM-TC1070VCT Datasheet
117Kb / 12P
   50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
logo
Microchip Technology
TC1070VCT MICROCHIP-TC1070VCT Datasheet
495Kb / 16P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
More results

Podobny opis - TC1076

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TC1073 TRANSCOM-TC1073 Datasheet
73Kb / 3P
   9.2 - 10.2 GHz 26 dBm MMIC
logo
M/A-COM Technology Solu...
MAOC-009871 MA-COM-MAOC-009871 Datasheet
263Kb / 6P
   Voltage Controlled Oscillator 9.2 - 10.2 GHz Divide-by-Two Output
logo
Transcom, Inc.
TM059-064-09-39 TRANSCOM-TM059-064-09-39 Datasheet
27Kb / 1P
   5.9 - 6.4 GHz 39 dBm Power Module
TM053-059-09-39 TRANSCOM-TM053-059-09-39 Datasheet
27Kb / 1P
   5.3 - 5.9 GHz 39 dBm Power Module
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
   36-39 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
   MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
logo
Alpha Industries
AA038P5-00 ALPHA-AA038P5-00 Datasheet
129Kb / 2P
   37-39 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com