Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1902 Arkusz danych(PDF) 2 Page - Transcom, Inc.

Numer części TC1902
Szczegółowy opis  6 - 18 GHz 28dBm PA MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1902 Arkusz danych(HTML) 2 Page - Transcom, Inc.

  TC1902 Datasheet HTML 1Page - Transcom, Inc. TC1902 Datasheet HTML 2Page - Transcom, Inc. TC1902 Datasheet HTML 3Page - Transcom, Inc. TC1902 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC1902
PRE.1_06/21/2006
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 4
TYPICAL CHARACTERISTICS
Pout VS Freq. & Gain VS Freq.
22
23
24
25
26
27
28
29
30
31
32
6
7
8
9
10 11 12 13 14 15 16 17 18
Frequency (GHz)
10
12
14
16
18
20
22
24
26
28
30
P1dB
Gain→


Podobny numer części - TC1902

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
   30 KHz - 12 GHz MMIC
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
   30 KHz - 12 GHz MMIC
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
   2 - 20 GHz 20 dBm MMIC
logo
SHENZHEN FUMAN ELECTRON...
TC1903A FUMAN-TC1903A Datasheet
319Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC1903Z FUMAN-TC1903Z Datasheet
368Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
More results

Podobny opis - TC1902

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TC1954 TRANSCOM-TC1954 Datasheet
157Kb / 4P
   14 – 18 GHz 2W PA MMIC
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
logo
Excelics Semiconductor,...
EMP216 EXCELICS-EMP216 Datasheet
260Kb / 5P
   6 - 18 GHz 2 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
logo
Analog Devices
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
   GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
Rev. 0
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com