Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC2182 Arkusz danych(PDF) 3 Page - Transcom, Inc.

Numer części TC2182
Szczegółowy opis  Low Noise Ceramic Packaged PHEMT GaAs FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2182 Arkusz danych(HTML) 3 Page - Transcom, Inc.

  TC2182 Datasheet HTML 1Page - Transcom, Inc. TC2182 Datasheet HTML 2Page - Transcom, Inc. TC2182 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TC2182
REV4_20070504
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 3 / 3
OUTLINE DIMENSIONS (in inch)
Tape & Reel Package Orientation (mm)
4.0
Section A-A
12.0 +/- 0.3
5.5 +/- 0.05
A
A
Ao = 7.0 mm
A1 = 1.45 mm
Bo = 7.0 mm
B1 = 0.9 mm
Ko = 20 mm
0.5 +0.1/-0.0
1.75
0.30 +/- 0.05
Ko
2.0 +/- 0.05
Ao
Bo
8.0
A1
0.5 MIN.
Standard Reel Size
7”
Standard Reel Quantity
1000


Podobny numer części - TC2182

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
More results

Podobny opis - TC2182

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Transcom, Inc.
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com