Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC2201 Arkusz danych(PDF) 3 Page - Transcom, Inc.

Numer części TC2201
Szczegółowy opis  Plastic Packaged Low Noise PHEMT GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2201 Arkusz danych(HTML) 3 Page - Transcom, Inc.

  TC2201 Datasheet HTML 1Page - Transcom, Inc. TC2201 Datasheet HTML 2Page - Transcom, Inc. TC2201 Datasheet HTML 3Page - Transcom, Inc. TC2201 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TC2201
REV4_20070504
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 3 / 4
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C)
VDS = 6 V, IDS = 40 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.7092
-85.70
6.1747
110.84
0.0793
40.30
0.4731
-52.17
3
0.6001
-115.37
4.9530
88.24
0.0956
30.10
0.3941
-68.76
4
0.5269
-141.91
4.0928
68.69
0.1077
22.43
0.3361
-81.69
5
0.4820
-166.74
3.4853
51.43
0.1175
15.94
0.2897
-93.65
6
0.4600
169.32
3.0355
35.32
0.1261
10.21
0.2452
-106.84
7
0.4702
147.81
2.6901
19.78
0.1359
4.41
0.2032
-122.75
8
0.4971
124.85
2.4024
4.75
0.1444
-1.24
0.1635
-142.30
9
0.5462
106.66
2.1605
-10.35
0.1540
-7.63
0.1392
-175.30
10
0.5999
88.59
1.9666
-25.56
0.1638
-15.08
0.1639
145.59
11
0.6546
74.41
1.7593
-39.71
0.1711
-23.34
0.2298
117.55
12
0.7024
61.65
1.5634
-54.17
0.1746
-31.78
0.3165
99.21
13
0.7466
51.47
1.3909
-67.87
0.1751
-39.88
0.3953
85.80
14
0.7831
41.75
1.2182
-80.02
0.1743
-47.33
0.4682
76.51
15
0.8114
33.77
1.0667
-91.60
0.1705
-54.30
0.5263
68.41
16
0.8244
27.17
0.9435
-102.17
0.1711
-61.20
0.5666
61.49
17
0.8371
23.17
0.8587
-111.25
0.1708
-66.78
0.5947
57.19
18
0.8423
20.30
0.7991
-118.61
0.1736
-73.44
0.6221
55.04
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
15
0
165
-180
-165
-1
50
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.25
0.0625
Per Div
S12
0
15
30
150
165
-180
-16
5
-1
50
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
8
2
Per Div
S21
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S22


Podobny numer części - TC2201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
SHENZHEN FUMAN ELECTRON...
TC2201 FUMAN-TC2201 Datasheet
263Kb / 6P
   Dual CC/CV Mode Switch Controller
More results

Podobny opis - TC2201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Transcom, Inc.
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com