Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2810A Arkusz danych(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Numer części LF2810A
Szczegółowy opis  RF Power MOSFET Transistor 10W, 500-1000MHz, 28V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LF2810A Arkusz danych(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  LF2810A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LF2810A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. LF2810A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
RF Power MOSFET Transistor
10W, 500-1000MHz, 28V
M/A-COM Products
Released; RoHS Compliant
LF2810A
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
TEST FIXTURE CIRCUIT DIMENSIONS
TEST FIXTURE ASSEMBLY


Podobny numer części - LF2810A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
LF2810A MACOM-LF2810A Datasheet
207Kb / 3P
   RF MOSFET Power Transistor, IOW, 28V 500 - 1000 MHz
More results

Podobny opis - LF2810A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
LF2802A MA-COM-LF2802A Datasheet
140Kb / 3P
   RF Power MOSFET Transistor 2W, 500-1000MHz, 28V
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor 5W, 500-1000MHz, 28V
UF2810P MA-COM-UF2810P Datasheet
218Kb / 2P
   RF Power MOSFET Transistor 10W, 100-500 MHz, 28V
logo
Tyco Electronics
LF2802A MACOM-LF2802A Datasheet
212Kb / 3P
   RF MOSFETPower Transistor,2W,28V 500-1000MHz
logo
M/A-COM Technology Solu...
DU2810S MA-COM-DU2810S Datasheet
151Kb / 2P
   RF Power MOSFET Transistor 10W, 2-175MHz, 28V
logo
Tyco Electronics
UF2810P MACOM-UF2810P Datasheet
148Kb / 2P
   RF MOSFET Power Transistor, 10W, 28V 100-500MHz
logo
M/A-COM Technology Solu...
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
   RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF28100V MA-COM-UF28100V Datasheet
224Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com