Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC2186-3.3VCTTR Arkusz danych(PDF) 7 Page - Microchip Technology

Numer części TC2186-3.3VCTTR
Szczegółowy opis  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2186-3.3VCTTR Arkusz danych(HTML) 7 Page - Microchip Technology

Back Button TC2186-3.3VCTTR Datasheet HTML 3Page - Microchip Technology TC2186-3.3VCTTR Datasheet HTML 4Page - Microchip Technology TC2186-3.3VCTTR Datasheet HTML 5Page - Microchip Technology TC2186-3.3VCTTR Datasheet HTML 6Page - Microchip Technology TC2186-3.3VCTTR Datasheet HTML 7Page - Microchip Technology TC2186-3.3VCTTR Datasheet HTML 8Page - Microchip Technology TC2186-3.3VCTTR Datasheet HTML 9Page - Microchip Technology TC2186-3.3VCTTR Datasheet HTML 10Page - Microchip Technology TC2186-3.3VCTTR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2009 Microchip Technology Inc.
DS21663D-page 7
TC2054/2055/2186
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-13:
Load Transient Response.
FIGURE 2-14:
Load Transient Response in
Dropout Mode.
FIGURE 2-15:
Line Transient Response.
FIGURE 2-16:
Load Transient Response.
FIGURE 2-17:
Shutdown Delay.
FIGURE 2-18:
Shutdown Wake-up Time.
V
= 3.8V
IN
C
= 1
μF Ceramic
OUT
OUT
V
= 2.8V
C
= 1
μF Ceramic
IN
Frequency = 1 KHz
OUT
V
150mA
Load
100μA
Load Current
100mV/DIV
VIN = 3.105V
COUT = 1μF Ceramic
VOUT = 3.006V
CIN = 1μF Ceramic
RLOAD = 20
Ω
100μA
150mA
VOUT
Load Transient Response in Dropout Mode
100mV/DIV
6V
4V
C
= 470pF
BYP
OUT
V
= 2.8V
C
= 1
μF Ceramic
OUT
I
= 100
μA
OUT
OUT
V
Input Voltage
50mV / DIV
2V / DIV
V
= 3.0V
IN
C
= 10μF Ceramic
OUT
OUT
V
= 2.8V
C
= 1μF Ceramic
IN
Frequency = 10KHz
OUT
V
150mA
Load
100μA
Load Current
100mV / DIV
V
= 4.0V
IN
C
= 0.01
μF
BYP
OUT
V
= 3.0V
C
= 10
μF
OUT
I
= 100μA
OUT
OUT
V
SHDN
V
V
= 4.0V
IN
C
= 0.01
μF
BYP
OUT
V
= 3.0V
C
= 10
μF
OUT
I
= 100μA
OUT
OUT
V
SHDN
V


Podobny numer części - TC2186-3.3VCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC2186 MICROCHIP-TC2186 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC2186 MICROCHIP-TC2186 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
More results

Podobny opis - TC2186-3.3VCTTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com