Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC384A120T030TP Arkusz danych(PDF) 8 Page - Vicor Corporation

Numer części BC384A120T030TP
Szczegółowy opis  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC384A120T030TP Arkusz danych(HTML) 8 Page - Vicor Corporation

Back Button BC384A120T030TP Datasheet HTML 3Page - Vicor Corporation BC384A120T030TP Datasheet HTML 4Page - Vicor Corporation BC384A120T030TP Datasheet HTML 5Page - Vicor Corporation BC384A120T030TP Datasheet HTML 6Page - Vicor Corporation BC384A120T030TP Datasheet HTML 7Page - Vicor Corporation BC384A120T030TP Datasheet HTML 8Page - Vicor Corporation BC384A120T030TP Datasheet HTML 9Page - Vicor Corporation BC384A120T030TP Datasheet HTML 10Page - Vicor Corporation BC384A120T030TP Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Bus Converter Module
BC384A120T030FP
vicorpower.com
Rev. 1.0
Page 8 of 11
Load
+
+
R2
2 k
Ω
D1
SW1
Enable/Disable Switch
Input reflected ripple
measurement point
BCM
TM
RSV
PC
+IN
+OUT
-OUT
+OUT
-OUT
-IN
Figure 15 — VI BRICK BCM test circuit
1A [a]
Fuse
C1
2.2 µF
electrolytic
C3
10 µF
R3
10 mΩ
Notes:
1. Source inductance should be no more than 200 nH. If source inductance is greater than 200 nH, additional bypass capacitance may be required.
2. C3 should be placed close to the load.
3. R3 may be ESR of C3 or a separate damping resistor.
4. D1 power good indicator will dim when a module fault is detected.
[a] See Input Fuse Recommendations section
F1
APPLICATION NOTES AND TEST CIRCUIT
Parallel Operation
The BCM will inherently current share when operated in an array. Arrays
may be used for higher power or redundancy in an application.
Current sharing accuracy is maximized when the source and load impedance
presented to each BCM within an array are equal. The recommended
method to achieve matched impedances is to dedicate common copper
planes within the PCB to deliver and return the current to the array, rather
than rely upon traces of varying lengths. In typical applications the current
being delivered to the load is larger than that sourced from the input,
allowing traces to be utilized on the input side if necessary. The use of
dedicated power planes is, however, preferable.
The BCM power train and control architecture allow bi-directional power
transfer, including reverse power processing from the BCM output to its
input. Reverse power transfer is enabled if the BCM input is within its
operating range and the BCM is otherwise enabled. The BCM’s ability to
process power in reverse improves the BCM transient response to an
output load dump.
Input Impedance Recommendations
To take full advantage of the BCM capabilities, the impedance presented
to its input terminals must be low from DC to approximately 5 MHz. The
source should exhibit low inductance (less than 100 nH) and should have a
critically damped response. If the interconnect inductance exceeds 100 nH,
the BCM input pins should be bypassed with an RC damper (e.g., 2.2 µF in
series with 0.3 Ω) to retain low source impedance and stable operations.
Given the wide bandwidth of the BCM, the source response is generally
the limiting factor in the overall system response.
Anomalies in the response of the source will appear at the output of the
BCM multiplied by its K factor. The DC resistance of the source should be
kept as low as possible to minimize voltage deviations. This is especially
important if the BCM is operated near low or high line as the over/under
voltage detection circuitry could be activated.
Input Fuse Recommendations
VI BRICKs are not internally fused in order to provide flexibility in
configuring power systems. However, input line fusing of VI BRICKs must
always be incorporated within the power system. A fast acting fuse should
be placed in series with the +In port. For agency approvals and fusing
conditions, click on the link below:
http://www.vicorpower.com/technical_library/technical_documentation/quality_an
d_certification/safety_approvals/
Application Notes
For BCM and VI BRICK application notes on soldering, board layout, and
system design please click on the link below:
http://www.vicorpower.com/technical_library/application_information/
Applications Assistance
Please contact Vicor Applications Engineering for assistance,
1-800-927-9474, or email at apps@vicorpower.com.


Podobny numer części - BC384A120T030TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

Podobny opis - BC384A120T030TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com