Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2575-ADJ Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części LM2575-ADJ
Szczegółowy opis  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575-ADJ Arkusz danych(HTML) 2 Page - Motorola, Inc

  LM2575-ADJ Datasheet HTML 1Page - Motorola, Inc LM2575-ADJ Datasheet HTML 2Page - Motorola, Inc LM2575-ADJ Datasheet HTML 3Page - Motorola, Inc LM2575-ADJ Datasheet HTML 4Page - Motorola, Inc LM2575-ADJ Datasheet HTML 5Page - Motorola, Inc LM2575-ADJ Datasheet HTML 6Page - Motorola, Inc LM2575-ADJ Datasheet HTML 7Page - Motorola, Inc LM2575-ADJ Datasheet HTML 8Page - Motorola, Inc LM2575-ADJ Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM2575
2
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Block Diagram and Typical Application
7.0 V – 40 V
Unregulated
DC Input
L1
330
µH
Gnd
+Vin
1
Cin
100
µF
3ON/OFF
5
Output
2
Feedback
4
D1
1N5819
Cout
330
µF
Typical Application (Fixed Output Voltage Versions)
Representative Block Diagram and Typical Application
Unregulated
DC Input
+Vin
1
Cout
Feedback
4
Cin
L1
D1
R2
R1
1.0 k
Output
2
Gnd
3
ON/OFF
5
Reset
Latch
Thermal
Shutdown
52 kHz
Oscillator
1.235 V
Band–Gap
Reference
Freq
Shift
18 kHz
Comparator
Fixed Gain
Error Amplifier
Current
Limit
Driver
1.0 Amp
Switch
ON/OFF
3.1 V Internal
Regulator
Regulated
Output
Vout
Load
Output
Voltage Versions
3.3 V
5.0 V
12 V
15 V
R2
(
Ω)
1.7 k
3.1 k
8.84 k
11.3 k
For adjustable version
R1 = open, R2 = 0
LM2575
5.0 V Regulated
Output 1.0 A Load
This device contains 162 active transistors.
ABSOLUTE MAXIMUM RATINGS (Absolute Maximum Ratings indicate limits beyond
which damage to the device may occur.)
Rating
Symbol
Value
Unit
Maximum Supply Voltage
Vin
45
V
ON/OFF Pin Input Voltage
–0.3 V
≤ V ≤ +Vin
V
Output Voltage to Ground (Steady–State)
–1.0
V
Power Dissipation
Case 314B and 314D (TO–220, 5–Lead)
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
R
θJA
65
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Case 936A (D2PAK)
PD
Internally Limited
W
Thermal Resistance, Junction–to–Ambient
(Figure 34)
R
θJA
70
°C/W
Thermal Resistance, Junction–to–Case
R
θJC
5.0
°C/W
Storage Temperature Range
Tstg
–65 to +150
°C
Minimum ESD Rating (Human Body Model: C
= 100 pF, R = 1.5 k
Ω)
3.0
kV
Lead Temperature (Soldering, 10 s)
260
°C
Maximum Junction Temperature
TJ
150
°C
NOTE:
ESD data available upon request.


Podobny numer części - LM2575-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
LM2575-ATA5R FCI-LM2575-ATA5R Datasheet
195Kb / 10P
   1.0A Step - Down Voltage Switching Regulators 1A output current
LM2575-ATA5T FCI-LM2575-ATA5T Datasheet
195Kb / 10P
   1.0A Step - Down Voltage Switching Regulators 1A output current
LM2575-ATB5BT FCI-LM2575-ATB5BT Datasheet
195Kb / 10P
   1.0A Step - Down Voltage Switching Regulators 1A output current
LM2575-ATB5T FCI-LM2575-ATB5T Datasheet
195Kb / 10P
   1.0A Step - Down Voltage Switching Regulators 1A output current
More results

Podobny opis - LM2575-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
   1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
Motorola, Inc
LM2576 MOTOROLA-LM2576 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575D2T-005 ONSEMI-LM2575D2T-005 Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down
June, 2009 ??Rev. 11
logo
Motorola, Inc
LM2576 MOTOROLA-LM2576_12 Datasheet
298Kb / 28P
   EASY SWITCHERER 3.0 A STEP?밆OWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com