Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1544 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części 2SK1544
Szczegółowy opis  N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1544 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  2SK1544 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 5Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TOSHIBA
TOSHIBA CORPORATION
1/6
Discrete Semiconductors
2SK1544
Field Effect Transistor
Silicon N Channel MOS Type (
π-MOS III.5)
High Speed, High Current DC-DC Converter,
Relay Drive and Motor Drive Applications
Features
• Low Drain-Source ON Resistance
-RDS(ON) = 0.15Ω (Typ.)
• High Forward Transfer Admittance
-
Y
fs = 21S (Typ.)
• Low Leakage Current
-IDSS = 300µA (Max.) @ VDS = 500V
• Enhancement-Mode
-Vth = 1.5 ~ 3.5V @ VDS = 10V, ID = 1mA
This transistor is an electrostatic sensitive device. Please handle with care.
Absolute Maximum Ratings (Ta = 25
°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
500
V
Drain-Gate Voltage (RGS = 20kΩ)VDGR
500
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
DC
ID
25
A
Pulse
IDP
100
Drain Power Dissipation
(Tc = 25
°C)
PD
200
W
Channel Temperature
Tch
150
°C
Storage Temperature Range
Tstg
-55 ~ 150
°C
Thermal Characteristics
CHARACTERISTIC
SYMBOL
MAX.
UNIT
Thermal Resistance, Channel to Case
Rth(ch-c)
0.625
°C/W
Thermal Resistance, Channel to Ambient
Rth(ch-a)
35.7
°C/W
Unit in mm
Industrial Applications


Podobny numer części - 2SK1544

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
756Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
2SK1544 TOSHIBA-2SK1544 Datasheet
381Kb / 6P
   DC?묭C Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK1544 ISC-2SK1544 Datasheet
67Kb / 2P
   Drain Current ?밒D=25A@ TC=25C
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK1544Q TOSHIBA-2SK1544Q Datasheet
381Kb / 6P
   DC?묭C Converter and Motor Drive Applications
More results

Podobny opis - 2SK1544

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544_06 Datasheet
756Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963 Datasheet
291Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK1382 TOSHIBA-2SK1382_06 Datasheet
748Kb / 6P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK1382 TOSHIBA-2SK1382 Datasheet
263Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2961 TOSHIBA-2SK2961 Datasheet
268Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2987 TOSHIBA-2SK2987 Datasheet
302Kb / 5P
   N CHANNEL MOS TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ401 TOSHIBA-2SJ401 Datasheet
286Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ304 TOSHIBA-2SJ304 Datasheet
280Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ334 TOSHIBA-2SJ334 Datasheet
308Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ349 TOSHIBA-2SJ349 Datasheet
289Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com