Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA2018N3220 Arkusz danych(PDF) 1 Page - American Accurate Components, Inc.

Numer części LA2018N3220
Szczegółowy opis  Broadband Low Noise Medium Power Amplifiers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAC [American Accurate Components, Inc.]
Strona internetowa  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LA2018N3220 Arkusz danych(HTML) 1 Page - American Accurate Components, Inc.

  LA2018N3220 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Broadband Low Noise Medium Power Amplifiers
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Low Noise Medium Power Amplifiers
1 to 18GHz
P/N
Freq. Range
Gain
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSWR
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
LA1020N3220
1 - 2
29
35
3.0
20
± 1.3
30
2:1
150
4I,4MH
LA1018N2420
1 - 18
21
28
5.5
20
± 2.0
30
2.2:1
280
4I,4MH
LA1018N3220
1 - 18
28
36
5.0
20
± 2.0
30
2.2:1
380
6I,6MH
LA1018N4020
1 - 18
35
45
5.5
20
± 2.5
28
2.2:1
500
6I,6MH
LA2040N2120
2 - 4
18
24
4.5
20
± 1.4
30
2:1
250
4I,4MH
LA2040N2820
2 - 4
25
31
4
20
± 1.3
30
2:1
300
4I,4MH
LA2040N3520
2 - 4
31
39
4.0
20
± 1.5
30
2:1
300
6I,6MH
LA2040N4220
2 - 4
38
46
4.0
20
± 1.8
30
2:1
300
6I,6MH
LA2040N2823
2 - 4
25
31
4
23
± 1.3
30
2:1
300
4I,4MH
LA2040N3523
2 - 4
31
39
4.0
23
± 1.5
30
2:1
300
6I,6MH
LA2040N4223
2 - 4
38
46
4.0
23
± 1.8
30
2:1
300
6I,6MH
LA2080N2120
2 - 8
18
24
4.5
20
± 1.8
30
2:1
250
4I,4MH
LA2080N2820
2 - 8
24
32
4.0
20
± 1.8
30
2:1
350
4I,4MH
LA2080N3520
2 - 8
32
39
4.0
20
± 2
30
2:1
400
6I,6MH
LA2080N4220
2 - 8
38
46
4.5
20
± 2
30
2:1
450
6I,6MH
LA2080N2823
2 - 8
24
32
4.0
23
± 1.8
30
2:1
350
4I,4MH
LA2080N3523
2 - 8
32
39
4.0
23
± 2
30
2:1
400
6I,6MH
LA2080N4223
2 - 8
38
46
4.5
23
± 2
30
2:1
450
6I,6MH
LA2018N2420
2 - 18
21
28
5.5
20
± 2.0
30
2.2:1
280
4I,4MH
LA2018N3220
2 - 18
28
36
5.0
20
± 2.0
30
2.2:1
380
6I,6MH
LA2018N4020
2 - 18
35
45
5.5
20
± 2.5
28
2.2:1
500
6I,6MH
LA4080N2120
4 - 8
18
24
4
20
± 1.4
30
2:1
250
4I,4MH
LA4080N2820
4 - 8
25
31
3.5
20
± 1.5
30
2:1
350
4I,4MH
LA4080N3520
4 - 8
32
39
3.5
20
± 1.8
30
2:1
400
6I,6MH
LA4080N4220
4 - 8
38
46
4.0
20
± 2
30
2:1
450
6I,6MH
LA4080N2823
4 - 8
25
31
3.5
23
± 1.5
30
2:1
350
4I,4MH
LA4080N3523
4 - 8
32
39
3.5
23
± 1.8
30
2:1
400
6I,6MH
LA4080N4223
4 - 8
38
46
4.0
23
± 2
30
2:1
450
6I,6MH
LA6018N2120
6 - 18
18
24
4.5
20
± 1.8
30
2:1
280
4I,4MH
LA6018N2820
6 - 18
24
32
4.2
20
± 1.5
30
2:1
380
4I,4MH
LA6018N3520
6 - 18
31
39
4.2
20
± 1.8
30
2:1
380
6I,6MH
LA6018N4220
6 - 18
38
46
4.5
20
± 2.2
30
2:1
400
8I,46
LA6018N4920
6 - 18
45
53
4.5
20
± 2.2
30
2:1
480
8I,46
LA8012N2120
8 - 12
18
24
4.5
20
± 1.4
30
2:1
250
4I,4MH
LA8012N2820
8 - 12
24
31
3.5
20
± 1.4
30
2:1
350
4I,4MH
LA8012N3520
8 - 12
32
38
4
20
± 1.5
30
2:1
450
6I,6MH
LA8012N4220
8 - 12
39
46
4
20
± 1.8
30
2:1
450
8I,46
LA8012N4920
8 - 12
45
53
5
20
± 1.8
30
2:1
500
8I,46
LA8018N2120
8 - 18
18
24
4.5
20
± 1.8
30
2:1
280
4I,4MH
LA8018N2820
8 - 18
24
32
4.0
20
± 1.5
30
2:1
380
4I,4MH
LA8018N3520
8 - 18
32
39
4.0
20
± 1.8
30
2:1
380
6I,6MH
LA8018N4220
8 - 18
39
46
4.5
20
± 2
30
2:1
400
8I,46
LA8018N4920
8 - 18
45
53
4.5
20
± 2
30
2:1
450
8I,46
Notes:
1. Operating Temperature : -55
OC to +85 OC. Storage Temperature : -60 OC to +90 OC.
2. All products have built-in voltage regulators, which can operate from +10V to +18VDC.
3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available.
4. Connectors for MH case are detachable, insulator input and output after removal of connectors.
5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle.
6. Custom Designs Available


Podobny numer części - LA2018N3220

ProducentNumer częściArkusz danychSzczegółowy opis
logo
American Accurate Compo...
LA2018N3209 AAC-LA2018N3209 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2018N3214 AAC-LA2018N3214 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
More results

Podobny opis - LA2018N3220

ProducentNumer częściArkusz danychSzczegółowy opis
logo
American Accurate Compo...
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
RF Micro Devices
RF1128 RFMD-RF1128 Datasheet
383Kb / 6P
   BROADBAND MEDIUM POWER
logo
Siemens Semiconductor G...
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_06 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
MC33178 ONSEMI-MC33178_10 Datasheet
283Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
logo
RF Micro Devices
RF1236 RFMD-RF1236 Datasheet
935Kb / 9P
   BROADBAND MEDIUM POWER DIFFERENTIAL
RF2884 RFMD-RF2884 Datasheet
121Kb / 6P
   BROADBAND LOW NOISE AMPLIFIER
logo
American Accurate Compo...
JXWBLA-T-1000-10000-30 AAC-JXWBLA-T-1000-10000-30 Datasheet
37Kb / 1P
   Low Noise Medium Power Amplifier
logo
Sanyo Semicon Device
2SC5347 SANYO-2SC5347 Datasheet
132Kb / 4P
   High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifiers Applications?
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com