Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL12W02-DT30 Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TL12W02-DT30
Szczegółowy opis  LED lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL12W02-DT30 Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TL12W02-DT30 Datasheet HTML 2Page - Toshiba Semiconductor TL12W02-DT30 Datasheet HTML 3Page - Toshiba Semiconductor TL12W02-DT30 Datasheet HTML 4Page - Toshiba Semiconductor TL12W02-DT30 Datasheet HTML 5Page - Toshiba Semiconductor TL12W02-DT30 Datasheet HTML 6Page - Toshiba Semiconductor TL12W02-DT30 Datasheet HTML 7Page - Toshiba Semiconductor TL12W02-DT30 Datasheet HTML 8Page - Toshiba Semiconductor TL12W02-DT30 Datasheet HTML 9Page - Toshiba Semiconductor TL12W02-DT30 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TL12W02-D(T30)
2008-07-14
8
4. Leader and Trailer Sections of Tape
Note 1: Empty trailer section
Note 2: Empty leader section
5. Packing Form
(1) Packing quantity
Reel
500 pcs
Carton
500 pcs
(2) Packing form: Each reel is sealed in an aluminum pack with silica gel.
(Note 1)
Leading part: 190 mm (min)
40 mm or more
(Note 2)
40 mm or more


Podobny numer części - TL12W02-DT30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
TL12W02-LT30 TOSHIBA-TL12W02-LT30 Datasheet
305Kb / 10P
   LED lamps
TL12W02-N TOSHIBA-TL12W02-N Datasheet
304Kb / 10P
   LED lamps
TL12W02-NT30 TOSHIBA-TL12W02-NT30 Datasheet
304Kb / 10P
   LED lamps
More results

Podobny opis - TL12W02-DT30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com