Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM135B Arkusz danych(PDF) 7 Page - Silicon Touch Technology Inc.

Numer części DM135B
Szczegółowy opis  16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM135B Arkusz danych(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM135B Datasheet HTML 3Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 4Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 5Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 6Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 9Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 10Page - Silicon Touch Technology Inc. DM135B Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DM134B
DM135B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-6-
Version
:A.006
Electrical Characteristics (VDD = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
0.7VDD
VDD
Input Voltage “L” Level
VIL
GND
0.3VDD
V
Output Leakage Current
IOH
VOH = 17 V
1.0
uA
VOL
IOL = 1.0 mA
0.4
Output Voltage ( S - OUT)
VOH
IOH = -1.0 mA
4.6
V
DM134B
REXT = 377
Ω
Output Current (Bit-Bit)
Δ
Iout
DM135B
VOUT = 1.2V
(1 channel on)
REXT = 900
Ω
±
1.5
±
4
%
DM134B
REXT = 377
Ω
36.0
40.0
44.0
Output Current (Chip-Chip) Iout
DM135B
VOUT = 1.2V
(1 channel on)
REXT = 900
Ω
18.0
20.0
22.0
mA
IDM134B
REXT = 377
Ω
Output Voltage Regulation
IDM135B
Vout = 1.2V ~ 5.0V
(% / Vout)
REXT =900
Ω
0.1
0.5
% / V
Supply Voltage Regulation
% / VDD
Vdd = 3.0V ~ 5.5V
1
3
% / V
Reference Voltage Regulation
Δ
Vrext
Rext = 300
Ω ~ 3KΩ
±
1
% / K
Ω
Pull-Up Resistor
RIN(up)
150
300
600
K
Ω
Pull-Down Resistor
RIN(down)
100
200
400
K
Ω
REXT = OPEN, all outputs off
2
4
DM134B
REXT = 210
Ω, all outputs off
14
28
REXT = OPEN, all outputs off
2
4
REXT = 300
Ω, all outputs off
14
28
Supply Current “OFF”
Idd
(off)
DM135B
REXT = 630
Ω, all outputs off
5.5
11
DM134B
REXT = 210
Ω, all outputs on
14
28
REXT = 300
Ω, all outputs on
14
28
mA
Supply Current “ON”
Idd
(on)
DM135B
REXT = 630
Ω, all outputs on
5.5
11


Podobny numer części - DM135B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DM135B ETC-DM135B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
More results

Podobny opis - DM135B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com