Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1115D Arkusz danych(PDF) 6 Page - Silicon Touch Technology Inc.

Numer części ST1115D
Szczegółowy opis  PWM Speed Control Double Coil Brushless DC Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1115D Arkusz danych(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button ST1115D Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 8Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 9Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1115C/ST1115D
SP-ST1115CD-A.005
Version
:A.005
Page
:5
Application Circuits and Designer’s Notes
1. Temperature-sensing fan speed control
―Refer to Figure 1.
Figure 1. Fan speed control by the external temperature sensor.
(1) If the linear temperature control is desired, the VT terminal is connected to a
thermistor-resistor divider, as shown in Fig. 1. In this way, the fan speed can vary
linearly with respect to the temperature variation; the higher temperature results in the
faster speed.
(2) Figure 2 illustrates the desired temperature-speed curve. Assume that the resistance of
the thermistor is RT1 when the temperature is at T1, and RT2 at T2. Also assume that
the voltage V1 applied to the VT pin will result in the fan speed rpm1, and V2 applied to
the VT pin yielding rpm2. Note that the relation between the VT voltage and the fan
speed depends on the size and the coil impedance of the fan. To obtain the desired
temperature-speed curve, the resistance values of R1 and R2 in Fig. 1 can be roughly
selected by the following equations.
HALL
IC
LOGIC
BLOCK
+
-
PWM CONTROL
LOCK DETECTION
and PROTECTION
VDD
CF
HIN
GND
FGR
O1
O2
VT
POWER
CF
VDD
D1
COM
75 ohm
VT


Podobny numer części - ST1115D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
More results

Podobny opis - ST1115D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
   Variable Speed Double Coil DC Brushless Motor Driver
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
ST1111J SITI-ST1111J Datasheet
180Kb / 8P
   PWM Input Control Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
logo
Sanyo Semicon Device
LB1947 SANYO-LB1947 Datasheet
60Kb / 7P
   PWM Current Control Type DC Motor Driver
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
   Brushed DC Motor Driver IC With PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com