Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1116B Arkusz danych(PDF) 3 Page - Silicon Touch Technology Inc.

Numer części ST1116B
Szczegółowy opis  Variable Speed Double Coil DC Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1116B Arkusz danych(HTML) 3 Page - Silicon Touch Technology Inc.

  ST1116B Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1116B
SP-ST1116B-A.003
Version
:A.003
Page
:2
Pin Assignment
Pin NO.
Pin Name
Description
1
GND
Ground
2
FG
Fan tachometer output (open-drain)
3
VRIN
Input pin for variable speed control function
4
OUT
Output pin to control the external source driver
5
HIN
Input pin from Hall Latch IC
6
O2
Output sinking driver 2
7
VDD
Power supply
8
O1
Output sinking driver 1
Absolute Maximum Ratings
( TA=25℃ )
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
14
V
Input Voltage
VIN
VDD+0.4
V
Output Current at Lock
IOUT
600
mA
Output Current at Operating
IOPR
300
mA
Power Dissipation
PD
0.44
W
Operating Temperature Range
TA
-40 ~ 125
°C
Storage Temperature Range
TS
-65 ~ 150
°C
Operating Junction Temperature
TJ
125
°C
Thermal Resistance, Junction to Ambient
θJA
156.5
°C/ W
Thermal Resistance, Junction to Case
θJC
42
°C/ W
O2
HIN
FG
VRIN
OUT
VDD
O1
GND


Podobny numer części - ST1116B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
ST111608 E-SWITCH-ST111608 Datasheet
75Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111609 E-SWITCH-ST111609 Datasheet
45Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111611 E-SWITCH-ST111611 Datasheet
152Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Silicon Touch Technolog...
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
More results

Podobny opis - ST1116B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308CX ETC1-PT-308CX Datasheet
99Kb / 1P
   Double Coil Motor Driver IC
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
   Variable Speed Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com