Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM15CW-4805SZ Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AM15CW-4805SZ
Szczegółowy opis  15Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15CW-4805SZ Arkusz danych(HTML) 1 Page - AIMTEC

  AM15CW-4805SZ Datasheet HTML 1Page - AIMTEC AM15CW-4805SZ Datasheet HTML 2Page - AIMTEC AM15CW-4805SZ Datasheet HTML 3Page - AIMTEC AM15CW-4805SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM15CW-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11
1 of 4
North America only
FEATURES:
• Ultra compact footprint 1”x1”
Adjustable Output Voltage
• Ultra-wide Input Range 4:1
Operating Temperature -40ºC to +85ºC
• 1600 VDC Isolation
Over Current and Over Voltage Protection
• Remote ON/OFF Function
Efficiency up to 89%
• No Minimum Load Required
RoHS Compliant
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM15CW-2403SZ
9-36
3.3
4
1600
86
AM15CW-2405SZ
9-36
5
3
1600
87
AM15CW-2412SZ
9-36
12
1.3
1600
88
AM15CW-2415SZ
9-36
15
1
1600
89
AM15CW-4803SZ
18-75
3.3
4
1600
84
AM15CW-4805SZ
18-75
5
3
1600
86
AM15CW-4812SZ
18-75
12
1.3
1600
87
AM15CW-4815SZ
18-75
15
1
1600
88
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM15CW-2405DZ
9-36
±5
±1.5
1600
85
AM15CW-2412DZ
9-36
±12
±0.625
1600
88
AM15CW-2415DZ
9-36
±15
±0.5
1600
89
AM15CW-4805DZ
18-75
±5
±1.5
1600
84
AM15CW-4812DZ
18-75
±12
±0.625
1600
87
AM15CW-4815DZ
18-75
±15
±0.5
1600
88
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-75
VDC
Filter
π
Start up time
Nominal Vin with constant resistive load
20
ms
Absolute Maximum Rating
24 Vin
48 Vin
50
100
VDC
Peak Input Voltage time
100
ms
On/Off control
ON –3 to 12VDC (or open) ; OFF – 0 to 1.2VDC or short pin 2 to pin 3; OFF idle current – 5mA
No load current
15
mA
Under voltage lockout
24 Vin ON/OFF
48Vin ON/OFF
8.5 /7
17/15
VDC
Input reflected ripple current
20
mA p-p
CE


Podobny numer części - AM15CW-4805SZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM15CW-4805SZ AIMTEC-AM15CW-4805SZ Datasheet
308Kb / 4P
   15Watt | DC-DC Converter
More results

Podobny opis - AM15CW-4805SZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z Datasheet
332Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_12 Datasheet
308Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com