Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-45D16DA721KF-C75 Arkusz danych(PDF) 5 Page - Elpida Memory

Numer części MC-45D16DA721KF-C75
Szczegółowy opis  16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D16DA721KF-C75 Arkusz danych(HTML) 5 Page - Elpida Memory

  MC-45D16DA721KF-C75 Datasheet HTML 1Page - Elpida Memory MC-45D16DA721KF-C75 Datasheet HTML 2Page - Elpida Memory MC-45D16DA721KF-C75 Datasheet HTML 3Page - Elpida Memory MC-45D16DA721KF-C75 Datasheet HTML 4Page - Elpida Memory MC-45D16DA721KF-C75 Datasheet HTML 5Page - Elpida Memory MC-45D16DA721KF-C75 Datasheet HTML 6Page - Elpida Memory MC-45D16DA721KF-C75 Datasheet HTML 7Page - Elpida Memory MC-45D16DA721KF-C75 Datasheet HTML 8Page - Elpida Memory MC-45D16DA721KF-C75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Data Sheet E0038N10
5
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, wait more than 1 ms and then, execute Power on sequence and CBR (auto) refresh before
proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Voltage on power supply pin relative to VSS
VDD, VDDQ
–0.5 to +3.6
V
Voltage on input pin relative to VSS
VT
–0.5 to +3.6
V
Short circuit output current
IO
50
mA
Power dissipation
PD
12
W
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
2.3
2.5
2.7
V
Supply voltage for DQ, DQS
VDDQ
2.3
2.5
2.7
V
Input reference voltage
VREF
0.49
× VDDQ
0.51
× VDDQ
V
Termination voltage
VTT
VREF
− 0.04
VREF
VREF + 0.04
V
High level dc input voltage
VIH (DC)
VREF + 0.15
VDD + 0.3
V
Low level dc input voltage
VIL (DC)
−0.3
VREF
− 0.15
V
Input differential voltage (CLK and /CLK)
VID (DC)
0.36
VDDQ + 0.6
V
Input crossing point voltage (CLK and /CLK)
VIX
0.5
× VDDQ–0.2
0.5
× VDDQ+0.2
V
Operating ambient temperature
TA
0
70
°C
Capacitance (TA = 25
°°°°C, f = 100 MHz)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CI1
A0 - A11, BA0, BA1, /RAS,
/CAS, /WE
TBD
TBD
pF
CI2
CK0, /CK0
TBD
TBD
CI3
CKE0
TBD
TBD
CI4
/S0
TBD
TBD
Data input/output capacitance
CI/O1
DM(0-8)/DQS(9-17),
DQS0 - DQS8
TBD
TBD
pF
CI/O2
DQ0 - DQ63, CB0 - CB7
TBD
TBD


Podobny numer części - MC-45D16DA721KF-C75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C75 NEC-MC-45D16CA721KF-C75 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721KF-C75 ELPIDA-MC-45D16CA721KF-C75 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C80 NEC-MC-45D16CA721KF-C80 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-45D16DA721KF-C75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com